Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54206AEVAL1Z Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL54206AEVAL1Z
Description  MP3/USB 2.0 High Speed Switch with Negative Signal Handling
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54206AEVAL1Z Datasheet(HTML) 2 Page - Intersil Corporation

  ISL54206AEVAL1Z Datasheet HTML 1Page - Intersil Corporation ISL54206AEVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL54206AEVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL54206AEVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL54206AEVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL54206AEVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL54206AEVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL54206AEVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL54206AEVAL1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ISL54206A
2
FN6515.2
September 30, 2010
Pin Configurations (Note 1)
ISL54206A
(10 LD µTQFN)
TOP VIEW
ISL54206A
(10 LD TDFN)
TOP VIEW
NOTE:
1. ISL54206A Switches shown for IN = Logic “0” and CTRL = Logic “1”.
1
3
4
D-
COM -
L
IN 2
10
5
7
8 D+
COM +
R
9
6
VDD
LOGIC
CONTROL
4M
50k
50k
2
4
5
D-
COM -
L
IN
3
7
8
D+
COM +
R
9
6
VDD
LOGIC
CONTROL
50k
50k
1
GND
10
4M
CTRL
PD
Truth Table
ISL54206A
IN
CTRL
L, R
D+, D-
00
OFF
OFF
0
1
ON
OFF
1X
OFF
ON
IN: Logic “0” when ≤0.5V, Logic “1” when ≥1.4V with 2.7V to
3.6V supply.
CTRL: Logic “0” when ≤0.5V or Floating, Logic “1” when ≥1.4V
with 2.7V to 3.6V supply.
Pin Descriptions
ISL54206A
PIN NO. NAME
FUNCTION
1
VDD Power Supply
2
IN
Digital Control Input
3
COM- Voice and Data Common Pin
4
COM+ Voice and Data Common Pin
5
GND Ground Connection
6
R
Audio Right Input
7
L
Audio Left Input
8
D+
USB Differential Input
9
D-
USB Differential Input
10
CTRL Digital Control Input (Audio Enable)
-
PD
Thermal Pad. Tie to Ground or Float
(TDFN package only)


Similar Part No. - ISL54206AEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54206AEVAL1Z INTERSIL-ISL54206AEVAL1Z Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206AEVAL1Z RENESAS-ISL54206AEVAL1Z Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results

Similar Description - ISL54206AEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 INTERSIL-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206 RENESAS-ISL54206 Datasheet
751Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A RENESAS-ISL54206A Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 RENESAS-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A_1010 INTERSIL-ISL54206A_1010 Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205A INTERSIL-ISL54205A Datasheet
357Kb / 14P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com