Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6236AIRZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6236AIRZ
Description  High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6236AIRZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6236AIRZ Datasheet HTML 5Page - Intersil Corporation ISL6236AIRZ Datasheet HTML 6Page - Intersil Corporation ISL6236AIRZ Datasheet HTML 7Page - Intersil Corporation ISL6236AIRZ Datasheet HTML 8Page - Intersil Corporation ISL6236AIRZ Datasheet HTML 9Page - Intersil Corporation ISL6236AIRZ Datasheet HTML 10Page - Intersil Corporation ISL6236AIRZ Datasheet HTML 11Page - Intersil Corporation ISL6236AIRZ Datasheet HTML 12Page - Intersil Corporation ISL6236AIRZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
9
FN6453.0
March 14, 2007
FIGURE 3. VOUT2 = 3.3V EFFICIENCY vs LOAD (500kHz)
FIGURE 4. VOUT1 = 5V EFFICIENCY vs LOAD (400kHz)
FIGURE 5. VOUT2 = 1.05V REGULATION vs LOAD (300kHz)
FIGURE 6. VOUT1 = 1.5V REGULATION vs LOAD (200kHz)
FIGURE 7. VOUT2 = 3.3V REGULATION vs LOAD (500kHz)
FIGURE 8. VOUT1 = 5V REGULATION vs LOAD (400kHz)
Typical Performance Curves
Circuit of Figure 66, Figure 67, and Figure 69, no load on LDO, OUT1, OUT2, VREF3, and REF,
VIN = 12V, EN2=EN1=VCC, VBYP = 5V, PVCC = 5V, VEN_LDO =5V, TA = -40°C to +100°C,
unless otherwise noted. Typical values are at TA = +25°C. (Continued)
0
10
20
30
40
50
60
70
80
90
100
0.001
0.010
0.100
1.000
10.000
OUTPUT LOAD (A)
7 VIN SKIP MODE
7 VIN PWM MODE
7 VIN ULTRA SKIP MODE
12 VIN SKIP MODE
12 VIN PWM MODE
25 VIN SKIP MODE
25 VIN PWM MODE
25 VIN ULTRA SKIP MODE
12 VIN ULTRA SKIP MODE
0
10
20
30
40
50
60
70
80
90
100
0.001
0.010
0.100
1.000
10.000
OUTPUT LOAD (A)
7 VIN SKIP MODE
7 VIN PWM MODE
7 VIN ULTRA SKIP MODE
12 VIN SKIP MODE
12 VIN PWM MODE
25 VIN SKIP MODE
25 VIN PWM MODE
25 VIN ULTRA SKIP MODE
12 VIN ULTRA SKIP MODE
1.050
1.052
1.054
1.056
1.058
1.060
1.062
1.064
1.066
1.068
1.070
0.001
0.010
0.100
1.000
10.000
OUTPUT LOAD (A)
7 VIN SKIP MODE
7 VIN PWM MODE
7 VIN ULTRA SKIP MODE
12 VIN SKIP MODE
12 VIN PWM MODE
25 VIN SKIP MODE
25 VIN PWM MODE
25 VIN ULTRA SKIP MODE
12 VIN ULTRA SKIP MODE
1.500
1.505
1.510
1.520
1.525
1.530
1.535
1.540
0.001
0.010
0.100
1.000
OUTPUT LOAD (A)
10.000
1.515
7 VIN SKIP MODE
7 VIN PWM MODE
7 VIN ULTRA SKIP MODE
12 VIN SKIP MODE
12 VIN PWM MODE
25 VIN SKIP MODE
25 VIN PWM MODE
25 VIN ULTRA SKIP MODE
12 VIN ULTRA SKIP MODE
3.310
3.320
3.330
3.340
3.350
3.360
3.370
3.380
0.001
0.010
0.100
1.000
10.000
OUTPUT LOAD (A)
7 VIN SKIP MODE
7 VIN PWM MODE
7 VIN ULTRA SKIP MODE
12 VIN SKIP MODE
12 VIN PWM MODE
25 VIN SKIP MODE
25 VIN PWM MODE
25 VIN ULTRA SKIP MODE
12 VIN ULTRA SKIP MODE
5.000
5.020
5.040
5.060
5.080
5.100
5.120
5.140
5.160
0.001
0.010
0.100
1.000
10.000
OUTPUT LOAD (A)
7 VIN SKIP MODE
7 VIN PWM MODE
7 VIN ULTRA SKIP MODE
12 VIN SKIP MODE
12 VIN PWM MODE
25 VIN SKIP MODE
25 VIN PWM MODE
25 VIN ULTRA SKIP MODE
12 VIN ULTRA SKIP MODE
ISL6236A


Similar Part No. - ISL6236AIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6236AIRZ RENESAS-ISL6236AIRZ Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
ISL6236AIRZ-T RENESAS-ISL6236AIRZ-T Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results

Similar Description - ISL6236AIRZ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX17003ETJ MAXIM-MAX17003ETJ Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 3/07
MAX17003A MAXIM-MAX17003A Datasheet
617Kb / 36P
   High-Efficiency, Quad-Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
MAX8732A MAXIM-MAX8732A Datasheet
1Mb / 33P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 5/05
MAX8732 MAXIM-MAX8732 Datasheet
1Mb / 32P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 8/04
logo
Renesas Technology Corp
ISL6236A RENESAS-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Intersil Corporation
ISL6237 INTERSIL-ISL6237 Datasheet
2Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX8744A MAXIM-MAX8744A Datasheet
607Kb / 36P
   High-Efficiency, Quad Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
logo
Renesas Technology Corp
ISL6237 RENESAS-ISL6237 Datasheet
3Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com