Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0RCY-C2TV2X Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0RCY-C2TV2X
Description  ISOLATED DC/DC CONVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RCY-C2TV2X Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0RCY-C2TV2X Datasheet HTML 1Page - Bel Fuse Inc. 0RCY-C2TV2X Datasheet HTML 2Page - Bel Fuse Inc. 0RCY-C2TV2X Datasheet HTML 3Page - Bel Fuse Inc. 0RCY-C2TV2X Datasheet HTML 4Page - Bel Fuse Inc. 0RCY-C2TV2X Datasheet HTML 5Page - Bel Fuse Inc. 0RCY-C2TV2X Datasheet HTML 6Page - Bel Fuse Inc. 0RCY-C2TV2X Datasheet HTML 7Page - Bel Fuse Inc. 0RCY-C2TV2X Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
1
ISOLATED DC/DC CONVERTERS
48 Vdc Input
1.2 Vdc /50 A Output
Aug. 10, 2010
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Features
Isolated
Input Under/Over Voltage Lockout
High Efficiency
Output Voltage Trim
Fixed Frequency (300 KHz)
Basic Insulation
High Power Density
OCP/SCP
Low Cost
Over Temperature Protection
Remote On/Off
Positive/Negative Remote Sense
Output Over-Voltage Protection
with Auto-recovery
Class 1, Category 2, Isolated DC/DC Converter (refer to IPC-9592)
UL60950-1 Recognized (UL/cUL) (Pending)
Applications
Networking
Computers and peripherals
Telecommunications
Description
The 0RCY-C2TV2x is isolated dc/dc converter that operates from a nominal 48 Vdc source. This unit will provide
up to 60 W of output power from a nominal 48 Vdc input. This unit is designed to be highly efficient and low cost.
Features include remote on/off, over current protection and under-voltage lockout. This converter is provided in
an industry standard eighth brick package.
Part Selection
Output
Voltage
Input Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Model Number
Active High
Model Number
Active Low
1.2 Vdc
48 Vdc
50 A
60 W
86%
0RCY-C2TV20
0RCY-C2TV2L
Notes: Add “G” suffix at the end of the model number to indicate Tray Packaging.
Part Number Explanation
0 R CY – C2 T V2 x
1 2
3
4
5
6
7
1---Through hole mount
2---RoHS 6, change “R” to “7” means RoHS 5
3---Series name
4---Series code
5--- Input range (36-75V)
6---Output voltage (1.2V)
7---Suffix
0RCY-C2TV2x
RoHS Compliant
Rev.C


Similar Part No. - 0RCY-C2TV2X

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-C2T03 BEL-0RCY-C2T03 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T030 BEL-0RCY-C2T030 Datasheet
170Kb / 6P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T030 BEL-0RCY-C2T030 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T033 BEL-0RCY-C2T033 Datasheet
276Kb / 9P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03L BEL-0RCY-C2T03L Datasheet
170Kb / 6P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - 0RCY-C2TV2X

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com