Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28413FVZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL28413FVZ
Description  Single, Dual, Quad General Purpose Micropower,RRIO Operational Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28413FVZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL28413FVZ Datasheet HTML 1Page - Intersil Corporation ISL28413FVZ Datasheet HTML 2Page - Intersil Corporation ISL28413FVZ Datasheet HTML 3Page - Intersil Corporation ISL28413FVZ Datasheet HTML 4Page - Intersil Corporation ISL28413FVZ Datasheet HTML 5Page - Intersil Corporation ISL28413FVZ Datasheet HTML 6Page - Intersil Corporation ISL28413FVZ Datasheet HTML 7Page - Intersil Corporation ISL28413FVZ Datasheet HTML 8Page - Intersil Corporation ISL28413FVZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
FN6728.4
March 25, 2010
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6.5V
Supply Turn-on Voltage Slew Rate . . . . . . . . . . . . . . . 1V/µs
Differential Input Current . . . . . . . . . . . . . . . . . . . . . 20mA
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . 0.5V
Input Voltage. . . . . . . . . . . . . . . . . .V- - 0.5V to V+ + 0.5V
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . 4000V
Machine Model
ISL28113, ISL28213 . . . . . . . . . . . . . . . . . . . . . . 350V
ISL28413. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 400V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . 2000V
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
5 Ld SC-70 (Notes 4, 5) . . . . . . . .
250
N/A
5 Ld SOT-23 (Notes 4, 5) . . . . . . .
225
N/A
8 Ld MSOP (Notes 4, 5) . . . . . . . .
180
100
8 Ld SOIC Package (Notes 4, 5) . .
126
90
8 Ld SOT-23 . . . . . . . . . . . . . . . .
TBD
TBD
14 Ld TSSOP Package (Notes 4, 5)
120
40
14 Ld SOIC Package (Notes 4, 5) .
90
50
Ambient Operating Temperature Range. . . . -40°C to +125°C
Storage Temperature Range . . . . . . . . . . . -65°C to +150°C
Operating Junction Temperature . . . . . . . . . . . . . . +125°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
4. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief
TB379 for details.
5. For θJC, the “case temp” location is the top of the package.
Electrical Specifications VS+ = 5V, VS- = 0V, RL = Open, VCM = VS/2, TA = +25°C, unless otherwise specified.
Boldface limits apply over the operating temperature range, -40°C to +125°C,
unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNIT
DC SPECIFICATIONS
VOS
Input Offset Voltage
-5
0.5
5
mV
-6
6
mV
TCVOS
Input Offset Voltage
Temperature Coefficient
-40°C to +125°C
2
10
µV/°C
IOS
Input Offset Current
130
pA
IB
Input Bias Current
ISL28113
-20
3
20
pA
-100
100
pA
ISL28213, ISL28413
-20
3
20
pA
-50
50
pA
Common Mode Input
Voltage Range
- 0.1V
+5.1V
V
ZIN
Input Impedance
1012
Ω
CIN
Input Capacitance
1
pF
CMRR
Common Mode Rejection Ratio VCM = -0.1V to 5.1V
72
dB
70
dB
PSRR
Power Supply Rejection Ratio Vs =1.8V to 5.5V
71
dB
70
dB
VOH
Output Voltage Swing, High
RL = 10kΩ
4.985
4.993
V
4.98
V
VOL
Output Voltage Swing, Low
RL = 10kΩ
13
15
mV
20
mV
V+
Supply Voltage
1.8
5.5
V
ISL28113, ISL28213, ISL28413


Similar Part No. - ISL28413FVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28413FVZ INTERSIL-ISL28413FVZ Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
ISL28413FVZ INTERSIL-ISL28413FVZ Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
logo
Renesas Technology Corp
ISL28413FVZ RENESAS-ISL28413FVZ Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28413FVZ-T13 INTERSIL-ISL28413FVZ-T13 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
ISL28413FVZ-T13 INTERSIL-ISL28413FVZ-T13 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
More results

Similar Description - ISL28413FVZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28113 RENESAS-ISL28113 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28113 INTERSIL-ISL28113 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
ISL28113 INTERSIL-ISL28113_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Analog Devices
ADA4092-4 AD-ADA4092-4_16 Datasheet
690Kb / 21P
   Micropower RRIO Operational Amplifier
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com