Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T5753 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # T5753
Description  UHF ASK/FSK Transmitter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T5753 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button T5753 Datasheet HTML 5Page - ATMEL Corporation T5753 Datasheet HTML 6Page - ATMEL Corporation T5753 Datasheet HTML 7Page - ATMEL Corporation T5753 Datasheet HTML 8Page - ATMEL Corporation T5753 Datasheet HTML 9Page - ATMEL Corporation T5753 Datasheet HTML 10Page - ATMEL Corporation T5753 Datasheet HTML 11Page - ATMEL Corporation T5753 Datasheet HTML 12Page - ATMEL Corporation T5753 Datasheet HTML 13Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
4510J–RKE–12/08
T5753
Output power variation for the full
temperature range
Tamb = –40°C to +85°C,
V
S = 3.0V
VS = 2.0V
ΔP
Ref
ΔP
Ref
–1.5
–4.0
dB
dB
Output power variation for the full
temperature range
Tamb = –40°C to +125°C,
V
S = 3.0V
V
S = 2.0V,
POut = PRef + ΔPRef
ΔP
Ref
ΔP
Ref
–2.0
–4.5
dB
dB
Achievable output-power range
Selectable by load impedance
POut_typ
08.0
dBm
Spurious emission
fCLK = f0/128
Load capacitance at pin CLK = 10 pF
f
O ±1 × fCLK
fO ±4 × fCLK
other spurious are lower
–55
–52
dBc
dBc
Oscillator frequency XTO
(= phase comparator frequency)
f
XTO = f0/32
f
XTAL = resonant frequency of the XTAL,
CM ≤ 10 fF, load capacitance selected
accordingly
T
amb = –40°C to +85°C,
Tamb = –40°C to +125°C
f
XTO
–30
–40
f
XTAL
+30
+40
ppm
ppm
PLL loop bandwidth
250
kHz
Phase noise of phase comparator
Referred to fPC = fXT0,
25 kHz distance to carrier
–116
–110
dBc/Hz
In loop phase noise PLL
25 kHz distance to carrier
–86
–80
dBc/Hz
Phase noise VCO
at 1 MHz
at 36 MHz
–94
–125
–90
–121
dBc/Hz
dBc/Hz
Frequency range of VCO
fVCO
310
350
MHz
Clock output frequency (CMOS
microcontroller compatible)
f
0/128
MHz
Voltage swing at pin CLK
CLoad ≤ 10 pF
V0h
V
0l
VS × 0.8
VS × 0.2
V
V
Series resonance R of the crystal
Rs
110
Ω
Capacitive load at pin XT0
7pF
FSK modulation frequency rate
Duty cycle of the modulation signal = 50%
0
32
kHz
ASK modulation frequency rate
Duty cycle of the modulation signal = 50%
0
32
kHz
ENABLE input
Low level input voltage
High level input voltage
Input current high
V
Il
VIh
IIn
1.7
0.25
20
V
V
µA
PA_ENABLE input
Low level input voltage
High level input voltage
Input current high
VIl
V
Ih
IIn
1.7
0.25
V
S
(1)
5
V
V
µA
7.
Electrical Characteristics (Continued)
VS = 2.0V to 4.0V, Tamb = –40°C to 125°C unless otherwise specified.
Typical values are given at VS = 3.0V and Tamb = 25°C. All parameters are referred to GND (pin 7).
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Note:
1. If V
S is higher than 3.6V, the maximum voltage will be reduced to 3.6V.


Similar Part No. - T5753

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T5753 ATMEL-T5753 Datasheet
213Kb / 13P
   UHF ASK/FSK TRANSMITTER
T5753 ATMEL-T5753 Datasheet
201Kb / 13P
   UHF ASK/FSK Transmitter
T5753-6APJ ATMEL-T5753-6APJ Datasheet
201Kb / 13P
   UHF ASK/FSK Transmitter
T5753-6AQ ATMEL-T5753-6AQ Datasheet
213Kb / 13P
   UHF ASK/FSK TRANSMITTER
T5753-6AQJ ATMEL-T5753-6AQJ Datasheet
201Kb / 13P
   UHF ASK/FSK Transmitter
More results

Similar Description - T5753

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5756 ATMEL-ATA5756 Datasheet
321Kb / 20P
   UHF ASK/FSK TRANSMITTER
U2741B ATMEL-U2741B_05 Datasheet
200Kb / 11P
   UHF ASK/FSK TRANSMITTER
T5750 ATMEL-T5750_07 Datasheet
211Kb / 13P
   UHF ASK/FSK Transmitter
ATA5756 ATMEL-ATA5756_08 Datasheet
340Kb / 20P
   UHF ASK/FSK Transmitter
T5754C ATMEL-T5754C_14 Datasheet
672Kb / 13P
   UHF ASK/FSK Transmitter
T5753 ATMEL-T5753 Datasheet
213Kb / 13P
   UHF ASK/FSK TRANSMITTER
T5750 ATMEL-T5750 Datasheet
212Kb / 12P
   UHF ASK/FSK TRANSMITTER
U2741B ATMEL-U2741B Datasheet
187Kb / 9P
   UHF ASK/FSK TRANSMITTER
T5754 ATMEL-T5754 Datasheet
215Kb / 13P
   UHF ASK/FSK TRANSMITTER
ATA8404 ATMEL-ATA8404_14 Datasheet
924Kb / 18P
   UHF ASK/FSK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com