Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T5753 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # T5753
Description  UHF ASK/FSK Transmitter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T5753 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button T5753_08 Datasheet HTML 2Page - ATMEL Corporation T5753_08 Datasheet HTML 3Page - ATMEL Corporation T5753_08 Datasheet HTML 4Page - ATMEL Corporation T5753_08 Datasheet HTML 5Page - ATMEL Corporation T5753_08 Datasheet HTML 6Page - ATMEL Corporation T5753_08 Datasheet HTML 7Page - ATMEL Corporation T5753_08 Datasheet HTML 8Page - ATMEL Corporation T5753_08 Datasheet HTML 9Page - ATMEL Corporation T5753_08 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
4510J–RKE–12/08
T5753
Figure 4-2.
Output Power Measurement at f = 315 MHz
Note:
For 345 MHz C
2 has to be changed to 2.7 pF
4.4
Application Circuit
For the blocking of the supply voltage a capacitor value of C
3 = 68 nF/X7R is recommended
(see Figure 4-3 on page 7 and Figure 4-4 on page 8). C
1 and C2 are used to match the loop
antenna to the power amplifier where C
1 typically is 22 pF/NP0 and C2 is 10.8 pF/NP0
(18 pF + 27 pF in series); for C
2 two capacitors in series should be used to achieve a better tol-
erance value and to have the possibility to realize the Z
Load,opt by using standard valued
capacitors.
C
1 forms together with the pins of T5753 and the PCB board wires a series resonance loop that
suppresses the 1
st harmonic, hence the position of C
1 on the PCB is important. Normally the
best suppression is achieved when C
1 is placed as close as possible to the pins ANT1 and
ANT2.
The loop antenna should not exceed a width of 1.5 mm, otherwise the Q-factor of the loop
antenna is too high.
L
1 ([50 nH to 100 nH) can be printed on PCB. C4 should be selected that the XTO runs on the
load resonance frequency of the crystal. Normally, a value of 12 pF results for a 15 pF
load-capacitance crystal.
1 nF
3.3 pF
56 nH
C1
C2
L1
VS
Rin
ANT2
ANT1
ZLopt
Power
meter
50
Ω
Z = 50
Ω


Similar Part No. - T5753_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T5753 ATMEL-T5753_07 Datasheet
201Kb / 13P
   UHF ASK/FSK Transmitter
More results

Similar Description - T5753_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5756 ATMEL-ATA5756 Datasheet
321Kb / 20P
   UHF ASK/FSK TRANSMITTER
U2741B ATMEL-U2741B_05 Datasheet
200Kb / 11P
   UHF ASK/FSK TRANSMITTER
T5750 ATMEL-T5750_07 Datasheet
211Kb / 13P
   UHF ASK/FSK Transmitter
ATA5756 ATMEL-ATA5756_08 Datasheet
340Kb / 20P
   UHF ASK/FSK Transmitter
T5754C ATMEL-T5754C_14 Datasheet
672Kb / 13P
   UHF ASK/FSK Transmitter
T5753 ATMEL-T5753 Datasheet
213Kb / 13P
   UHF ASK/FSK TRANSMITTER
T5750 ATMEL-T5750 Datasheet
212Kb / 12P
   UHF ASK/FSK TRANSMITTER
U2741B ATMEL-U2741B Datasheet
187Kb / 9P
   UHF ASK/FSK TRANSMITTER
T5754 ATMEL-T5754 Datasheet
215Kb / 13P
   UHF ASK/FSK TRANSMITTER
ATA8404 ATMEL-ATA8404_14 Datasheet
924Kb / 18P
   UHF ASK/FSK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com