Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL95870AIRUZ-T Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL95870AIRUZ-T
Description  PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL95870AIRUZ-T Datasheet(HTML) 4 Page - Intersil Corporation

  ISL95870AIRUZ-T Datasheet HTML 1Page - Intersil Corporation ISL95870AIRUZ-T Datasheet HTML 2Page - Intersil Corporation ISL95870AIRUZ-T Datasheet HTML 3Page - Intersil Corporation ISL95870AIRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL95870AIRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL95870AIRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL95870AIRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL95870AIRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL95870AIRUZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4
FN6899.0
December 22, 2009
Applications Schematics: ISL95870B
FIGURE 6. ISL95870B APPLICATION SCHEMATIC WITH FOUR OUTPUT VOLTAGE SETPOINTS AND DCR CURRENT
SENSE
FIGURE 7. ISL95870B APPLICATION SCHEMATIC WITH FOUR OUTPUT VOLTAGE SETPOINTS AND RESISTOR
CURRENT SENSE
BOOT
UGATE
PHASE
EN
PGOOD
FSEL
RTN
VID1
VID0
SREF
SET0
SET1
L
O
CBOOT
CSEN
QHS
QLS
3.3V TO 25V
0.5V TO 5V
RO
CO
CIN
VIN
VOUT
C
VCC
+5V
RVCC
CPVCC
GPIO
1
2
3
4
5
6
15
14
13
12
11
16
RSET1
RSET3
RFB
RTN1
RFB1
RTN1
GND
0
BOOT
UGATE
PHASE
EN
PGOOD
FSEL
RTN
VID1
VID0
SREF
SET0
SET1
LO
CBOOT
CSEN
QHS
QLS
3.3V TO 25V
0.5V TO 5V
RO
CO
CIN
VIN
VOUT
CVCC
+5V
RVCC
CPVCC
GPIO
1
2
3
4
5
6
15
14
13
12
11
16
RSET1
RSET3
R
FB
R
SEN
RTN1
R
FB1
RTN1
GND
0
ISL95870, ISL95870A, ISL95870B


Similar Part No. - ISL95870AIRUZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL95870AIRUZ-T RENESAS-ISL95870AIRUZ-T Datasheet
1Mb / 28P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
More results

Similar Description - ISL95870AIRUZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62873 INTERSIL-ISL62873 Datasheet
534Kb / 17P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
logo
Renesas Technology Corp
ISL62871 RENESAS-ISL62871 Datasheet
1Mb / 25P
   PWM DC/DC Controller With VID Inputs For Portable GPU Core-Voltage Regulator
logo
Intersil Corporation
ISL62875 INTERSIL-ISL62875 Datasheet
695Kb / 22P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
logo
Renesas Technology Corp
ISL62873 RENESAS-ISL62873 Datasheet
919Kb / 17P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
ISL62875 RENESAS-ISL62875 Datasheet
1Mb / 22P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
logo
Intersil Corporation
ISL95874 INTERSIL-ISL95874 Datasheet
854Kb / 29P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
ISL62871 INTERSIL-ISL62871 Datasheet
771Kb / 25P
   PWM DC/DC Controller With VID Inputs For Portable GPU Core-Voltage Regulator
logo
Renesas Technology Corp
ISL95870 RENESAS-ISL95870 Datasheet
1Mb / 28P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
ISL95874 RENESAS-ISL95874 Datasheet
1Mb / 29P
   PWM DC/DC Controllers with VID Inputs for Portable GPU Core-Voltage Regulator
logo
Altera Corporation
EC7100VQI ALTERA-EC7100VQI Datasheet
1,004Kb / 21P
   PWM DC/DC Controller with VS Inputs for FPGA Power Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com