Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL35411 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL35411
Description  Quad Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL35411 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL35411 Datasheet HTML 2Page - Intersil Corporation ISL35411 Datasheet HTML 3Page - Intersil Corporation ISL35411 Datasheet HTML 4Page - Intersil Corporation ISL35411 Datasheet HTML 5Page - Intersil Corporation ISL35411 Datasheet HTML 6Page - Intersil Corporation ISL35411 Datasheet HTML 7Page - Intersil Corporation ISL35411 Datasheet HTML 8Page - Intersil Corporation ISL35411 Datasheet HTML 9Page - Intersil Corporation ISL35411 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ISL35411
6
FN6971.1
March 25, 2010
Operation
The ISL35411 is an advanced driver for high-speed
interconnects. A functional diagram of ISL35411 is
shown in Figure 4. In addition to a de-emphasis circuit
to compensate for channel loss and improve signal
fidelity, the ISL35411 contains unique integrated features
to preserve special signaling protocols typically broken by
other drivers. The signal detect function is used to mute
the channel output when the equalized signal falls below
the level determined by the Detection Threshold (DT) pin
voltage. This function is intended to preserve periods of
line silence
As illustrated in Figure 4, the core of the high-speed
signal path in the ISL35411 is a sophisticated driver
followed by a de-emphasis circuit. The device applies
pre-distortion to compensate for skin effect loss,
dielectric loss, and impedance discontinuities in the
transmission channel.
Typical Performance Characteristics
Performance is measured using the test setup illustrated in Figure 1. The signal from the pattern generator is launched
into the chip evaluation board. The ISL35411 output signal is then visualized on a scope to determine signal integrity
parameters such as jitter.
FIGURE 1. DEVICE CHARACTERIZATION TEST SETUP
2A. DE-EMPHASIS 0
2B. DE-EMPHASIS 6
FIGURE 2. ISL35411 10.3125Gbps OUTPUT; NO CHANNEL; PRBS-31
FIGURE 3. ISL35411 10.3125 GBPS OUTPUT AFTER A 22-INCH FR-408 TRACE, PRBS-31; DE-EMPHASIS 6
P a tte r n
G ene r a to r
IS L 3 5 411 E v al
Bo a r d
O s c illo s c o p e


Similar Part No. - ISL35411

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL35411 RENESAS-ISL35411 Datasheet
845Kb / 12P
   Quad Driver
ISL35411DRZ-EVALZ RENESAS-ISL35411DRZ-EVALZ Datasheet
845Kb / 12P
   Quad Driver
ISL35411DRZ-T7 RENESAS-ISL35411DRZ-T7 Datasheet
845Kb / 12P
   Quad Driver
ISL35411DRZ-TS RENESAS-ISL35411DRZ-TS Datasheet
845Kb / 12P
   Quad Driver
More results

Similar Description - ISL35411

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E112 MICREL-SY10E112 Datasheet
62Kb / 4P
   QUAD DRIVER
logo
Hitachi Semiconductor
HA13007 HITACHI-HA13007 Datasheet
93Kb / 5P
   QUAD DRIVER
logo
ON Semiconductor
NCV7601 ONSEMI-NCV7601 Datasheet
55Kb / 8P
   Quad Driver
February, 2003 - Rev. 2
logo
National Semiconductor ...
F100112 NSC-F100112 Datasheet
112Kb / 4P
   Quad Driver
logo
Renesas Technology Corp
ISL35411 RENESAS-ISL35411 Datasheet
845Kb / 12P
   Quad Driver
logo
ON Semiconductor
NCV7601 ONSEMI-NCV7601_06 Datasheet
66Kb / 6P
   Quad Driver
April, 2006 ??Rev. 4
MC10E112 ONSEMI-MC10E112 Datasheet
99Kb / 4P
   QUAD DRIVER
1996 REV 2
logo
Micrel Semiconductor
SY100S313 MICREL-SY100S313_07 Datasheet
79Kb / 4P
   QUAD DRIVER
SY100S313 MICREL-SY100S313 Datasheet
97Kb / 5P
   QUAD DRIVER
logo
ON Semiconductor
MC10192 ONSEMI-MC10192_02 Datasheet
86Kb / 4P
   Quad Bus Driver
January, 2002 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com