Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRUH50P253B1M Datasheet(PDF) 6 Page - International Rectifier

Part # IRUH50P253B1M
Description  Ultra Low Dropout Positive Fixed Linear Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRUH50P253B1M Datasheet(HTML) 6 Page - International Rectifier

  IRUH50P253B1M Datasheet HTML 1Page - International Rectifier IRUH50P253B1M Datasheet HTML 2Page - International Rectifier IRUH50P253B1M Datasheet HTML 3Page - International Rectifier IRUH50P253B1M Datasheet HTML 4Page - International Rectifier IRUH50P253B1M Datasheet HTML 5Page - International Rectifier IRUH50P253B1M Datasheet HTML 6Page - International Rectifier IRUH50P253B1M Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
www.irf.com
IRUH50P253B1M
Space Level Screening Requirements
Fig 3. Simplified Schematic Circuit
Note:
International Rectifier currently doesnot have a DSCC certified Radiation Hardness Assurance Program
Shutdown
Vin
Vout
Ground
Drive
Gnd
TEST/INSPECTION
SCREENING LEVEL
MIL-STD-883
SPACE
METHOD
Pre Seal Burn-In
Optional
1030
Nondestructive Bond Pull
100%
2023
Internal Visual
100%
2017
Temperature Cycle
100%
1010
Constant Acceleration
100%
2001
Mechanical Shock
100%
2002
PIND
100%
2020
Pre Burn-In-Electrical
100%
Burn-In
100%
1015
Final Electrical
100%
Seal
100%
1014
Radiographic
100%
2012
External Visual
100%
2009


Similar Part No. - IRUH50P253B1M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRUH50P253A1M IRF-IRUH50P253A1M Datasheet
58Kb / 7P
   Ultra Low Dropout Positive Fixed Linear Regulator 5.0Vin to 2.5Vout at 3.0A
IRUH50P253A1MK IRF-IRUH50P253A1MK Datasheet
58Kb / 7P
   Ultra Low Dropout Positive Fixed Linear Regulator 5.0Vin to 2.5Vout at 3.0A
IRUH50P253A1MP IRF-IRUH50P253A1MP Datasheet
58Kb / 7P
   Ultra Low Dropout Positive Fixed Linear Regulator 5.0Vin to 2.5Vout at 3.0A
More results

Similar Description - IRUH50P253B1M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRUH33P183A1M IRF-IRUH33P183A1M Datasheet
65Kb / 7P
   Ultra Low Dropout Positive Fixed Linear Regulator
IRUH33P183B1M IRF-IRUH33P183B1M Datasheet
63Kb / 7P
   Ultra Low Dropout Positive Fixed Linear Regulator
IRUH50P333A1M IRF-IRUH50P333A1M Datasheet
63Kb / 7P
   Ultra Low Dropout Fixed Positive Linear Regulator
IRUH50P333B1M IRF-IRUH50P333B1M Datasheet
63Kb / 7P
   Ultra Low Dropout Fixed Positive Linear Regulator
IRUH330118AK IRF-IRUH330118AK_12 Datasheet
167Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH330118BK IRF-IRUH330118BK Datasheet
168Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH330133BK IRF-IRUH330133BK Datasheet
169Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH330125BK IRF-IRUH330125BK Datasheet
168Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH50PA23B1M IRF-IRUH50PA23B1M Datasheet
108Kb / 7P
   Ultra Low Dropout Positive Adjustable Linear Regulator
IRUH33PA13B20 IRF-IRUH33PA13B20 Datasheet
108Kb / 7P
   Ultra Low Dropout Positive Adjustable Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com