Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRMCK371TR Datasheet(PDF) 11 Page - International Rectifier

Part # IRMCK371TR
Description  Sensorless Motor Control IC for Appliances
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCK371TR Datasheet(HTML) 11 Page - International Rectifier

Back Button IRMCK371TR Datasheet HTML 7Page - International Rectifier IRMCK371TR Datasheet HTML 8Page - International Rectifier IRMCK371TR Datasheet HTML 9Page - International Rectifier IRMCK371TR Datasheet HTML 10Page - International Rectifier IRMCK371TR Datasheet HTML 11Page - International Rectifier IRMCK371TR Datasheet HTML 12Page - International Rectifier IRMCK371TR Datasheet HTML 13Page - International Rectifier IRMCK371TR Datasheet HTML 14Page - International Rectifier IRMCK371TR Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
IRMCK371
www.irf.com
© 2007 International Rectifier
11
4.3
Analog Interface Group
AVDD
Analog power (1.8V)
AVSS
Analog power return
AREF
0.6V buffered output
CMEXT
Unbuffered 0.6V, input to the AREF buffer, capacitor needs to be
connected.
IFB+
Input, Operational amplifier positive input for shunt resistor current
sensing
IFB-
Input, Operational amplifier negative input for shunt resistor current
sensing
IFBO
Output, Operational amplifier output for shunt resistor current sensing
AIN0
Input, Analog input channel 0 (0 – 1.2V), typically configured for DC bus
voltage input
AIN1
Input, Analog input channel 1 (0 – 1.2V), needs to be pulled down to
AVSS if unused
AIN2
Input, Analog input channel 2 (0 – 1.2V), needs to be pulled down to
AVSS if unused
4.4
Power Interface Group
VDD1
Digital power for I/O (3.3V)
VDD2
Digital power for core logic (1.8V)
VSS
Digital common
PLLVDD
PLL power (1.8V)
PLLVSS
PLL ground return
4.5
Test Interface Group
TSTMOD
Must be tied to VSS, used only for factory testing.
P5.1/TSM
Input/output port 5.1, configured as JTAG port by default
P5.2/TDO
Input/output port 5.2, configured as JTAG port by default
P5.3/TDI
Input/output port 5.3, configured as JTAG port by default
TCK
Input, JTAG test clock


Similar Part No. - IRMCK371TR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCK371 IRF-IRMCK371 Datasheet
562Kb / 33P
   Sensorless Motor Control IC
IRMCK371 IRF-IRMCK371_15 Datasheet
562Kb / 33P
   Sensorless Motor Control IC
More results

Similar Description - IRMCK371TR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCK341 IRF-IRMCK341 Datasheet
642Kb / 36P
   Sensorless Motor Control IC for Appliances
IRMCF371 IRF-IRMCF371_07 Datasheet
582Kb / 30P
   Sensorless Motor Control IC for Appliances
IRMCF341 IRF-IRMCF341_15 Datasheet
659Kb / 32P
   Sensorless Motor Control IC for Appliances
IRMCF343 IRF-IRMCF343_15 Datasheet
748Kb / 34P
   Sensorless Motor Control IC for Appliances
IRMCF371 IRF-IRMCF371_15 Datasheet
582Kb / 30P
   Sensorless Motor Control IC for Appliances
IRMCF371 IRF-IRMCF371 Datasheet
398Kb / 8P
   Sensorless Motor Control IC for Appliances
IRMCK343 IRF-IRMCK343 Datasheet
659Kb / 35P
   Sensorless Motor Control IC for Appliances
IRMCF343 IRF-IRMCF343 Datasheet
741Kb / 34P
   Sensorless Motor Control IC for Appliances
IRMCK311 IRF-IRMCK311 Datasheet
671Kb / 36P
   Dual Channel Sensorless Motor Control IC for Appliances
IRMCK312 IRF-IRMCK312 Datasheet
622Kb / 37P
   Dual Channel Sensorless Motor Control IC for Appliances
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com