Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32651_656 Datasheet(PDF) 20 Page - EPCOS

Part # B32651_656
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32651_656 Datasheet(HTML) 20 Page - EPCOS

Back Button B32651_656 Datasheet HTML 16Page - EPCOS B32651_656 Datasheet HTML 17Page - EPCOS B32651_656 Datasheet HTML 18Page - EPCOS B32651_656 Datasheet HTML 19Page - EPCOS B32651_656 Datasheet HTML 20Page - EPCOS B32651_656 Datasheet HTML 21Page - EPCOS B32651_656 Datasheet HTML 22Page - EPCOS B32651_656 Datasheet HTML 23Page - EPCOS B32651_656 Datasheet HTML 24Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
k0 values
Lead spacing
10 mm
15 mm
22.5 mm
27.5 mm
37.5 mm
VR
VRMS
V DC
V AC
k0 in V2/
µs
250
160
100 000
60 000
25 000
400
200
250 000
200 000
110 000
630
250
500 000
350 000
250 000
850
450
153 000
1000
250
3 000 000
1 500 000
1 000 000
500
180 000
1250
450
25 000 000
500
9 000 000
3 750 000
2 000 000
350 000
1600
500
20 000 000
10 000 000
4 000 000
600
672 000
700
28 000 000
2000
700
60 000 000
40 000 000
15 000 000
800 000
1000
50 000 000
Impedance Z versus frequency f
(typical values)
B32651 ... B32656
High pulse (wound)
Page 20 of 40
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32651_656

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32651A7222 EPCOS-B32651A7222 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32651A7222J000 EPCOS-B32651A7222J000 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32651A7222J189 EPCOS-B32651A7222J189 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32651A7222J289 EPCOS-B32651A7222J289 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32651A7222K000 EPCOS-B32651A7222K000 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
More results

Similar Description - B32651_656

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32671L_672L EPCOS-B32671L_672L Datasheet
552Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32794_798 EPCOS-B32794_798 Datasheet
304Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32601L_602L EPCOS-B32601L_602L Datasheet
484Kb / 25P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32572 TDK-B32572 Datasheet
276Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32522C1225K EPCOS-B32522C1225K Datasheet
1Mb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32231 TDK-B32231 Datasheet
339Kb / 17P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32559C TDK-B32559C Datasheet
410Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com