Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST39VF040-45-4C-MME Datasheet(PDF) 3 Page - Silicon Storage Technology, Inc

Part # SST39VF040-45-4C-MME
Description  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39VF040-45-4C-MME Datasheet(HTML) 3 Page - Silicon Storage Technology, Inc

  SST39VF040-45-4C-MME Datasheet HTML 1Page - Silicon Storage Technology, Inc SST39VF040-45-4C-MME Datasheet HTML 2Page - Silicon Storage Technology, Inc SST39VF040-45-4C-MME Datasheet HTML 3Page - Silicon Storage Technology, Inc SST39VF040-45-4C-MME Datasheet HTML 4Page - Silicon Storage Technology, Inc SST39VF040-45-4C-MME Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39VF040-45-4C-MME Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39VF040-45-4C-MME Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39VF040-45-4C-MME Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39VF040-45-4C-MME Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash
SST39LF512 / SST39LF010 / SST39LF020 / SST39LF040
SST39VF512 / SST39VF010 / SST39VF020 / SST39VF040
3
©2010 Silicon Storage Technology, Inc.
S71150-14-000
01/10
Data# Polling (DQ7)
When the SST39LF512/010/020/040 and SST39VF512/
010/020/040 are in the internal Program operation, any
attempt to read DQ7 will produce the complement of the
true data. Once the Program operation is completed, DQ7
will produce true data. Note that even though DQ7 may
have valid data immediately following completion of an
internal Write operation, the remaining data outputs may
still be invalid: valid data on the entire data bus will appear
in subsequent successive Read cycles after an interval of 1
µs. During internal Erase operation, any attempt to read
DQ7 will produce a “0”. Once the internal Erase operation is
completed, DQ7 will produce a “1”. The Data# Polling is
valid after the rising edge of fourth WE# (or CE#) pulse for
Program operation. For Sector- or Chip-Erase, the Data#
Polling is valid after the rising edge of sixth WE# (or CE#)
pulse. See Figure 9 for Data# Polling timing diagram and
Figure 18 for a flowchart.
Toggle Bit (DQ6)
During the internal Program or Erase operation, any con-
secutive attempts to read DQ6 will produce alternating ‘0’s
and ‘1’s, i.e., toggling between 0 and 1. When the internal
Program or Erase operation is completed, the toggling will
stop. The device is then ready for the next operation. The
Toggle Bit is valid after the rising edge of fourth WE# (or
CE#) pulse for Program operation. For Sector- or Chip-
Erase, the Toggle Bit is valid after the rising edge of sixth
WE# (or CE#) pulse. See Figure 10 for Toggle Bit timing
diagram and Figure 18 for a flowchart.
Data Protection
The SST39LF512/010/020/040 and SST39VF512/010/
020/040 provide both hardware and software features to
protect nonvolatile data from inadvertent writes.
Hardware Data Protection
Noise/Glitch Protection: A WE# or CE# pulse of less than 5
ns will not initiate a Write cycle.
VDD Power Up/Down Detection: The Write operation is
inhibited when VDD is less than 1.5V.
Write Inhibit Mode: Forcing OE# low, CE# high, or WE#
high will inhibit the Write operation. This prevents inadvert-
ent writes during power-up or power-down.
Software Data Protection (SDP)
The SST39LF512/010/020/040 and SST39VF512/010/
020/040 provide the JEDEC approved Software Data Pro-
tection scheme for all data alteration operation, i.e., Pro-
gram and Erase. Any Program operation requires the
inclusion of a series of three-byte sequence. The three-byte
load sequence is used to initiate the Program operation,
providing optimal protection from inadvertent Write opera-
tions, e.g., during the system power-up or power-down.
Any Erase operation requires the inclusion of six-byte load
sequence. These devices are shipped with the Software
Data Protection permanently enabled. See Table 4 for the
specific software command codes. During SDP command
sequence, invalid commands will abort the device to read
mode, within TRC.
Product Identification
The Product Identification mode identifies the devices as
the SST39LF/VF512, SST39LF/VF010, SST39LF/VF020
and SST39LF/VF040 and manufacturer as SST. This
mode may be accessed by software operations. Users
may use the Software Product Identification operation to
identify the part (i.e., using the device ID) when using multi-
ple manufacturers in the same socket. For details, see
Table 4 for software operation, Figure 13 for the Software
ID Entry and Read timing diagram, and Figure 19 for the
Software ID entry command sequence flowchart.
Product Identification Mode Exit/Reset
In order to return to the standard Read mode, the Software
Product Identification mode must be exited. Exit is accom-
plished by issuing the Software ID Exit command
sequence, which returns the device to the Read operation.
Please note that the Software ID Exit command is ignored
during an internal Program or Erase operation. See Table 4
for software command codes, Figure 14 for timing wave-
form, and Figure 19 for a flowchart.
TABLE
1: Product Identification
Address
Data
Manufacturer’s ID
0000H
BFH
Device ID
SST39LF/VF512
0001H
D4H
SST39LF/VF010
0001H
D5H
SST39LF/VF020
0001H
D6H
SST39LF/VF040
0001H
D7H
T1.1 1150


Similar Part No. - SST39VF040-45-4C-MME

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF040-45-4C-B3H SST-SST39VF040-45-4C-B3H Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39VF040-45-4C-B3K SST-SST39VF040-45-4C-B3K Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39VF040-45-4C-NH SST-SST39VF040-45-4C-NH Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39VF040-45-4C-NK SST-SST39VF040-45-4C-NK Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39VF040-45-4C-WH SST-SST39VF040-45-4C-WH Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
More results

Similar Description - SST39VF040-45-4C-MME

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512 Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF512 SST-SST39SF512 Datasheet
269Kb / 22P
   512 Kbit / 1 Mbit (x8) Multi-Purpose Flash
SST39SF512 SST-SST39SF512_03 Datasheet
340Kb / 22P
   512 Kbit / 1 Mbit (x8) Multi-Purpose Flash
SST29SF512 SST-SST29SF512 Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST39SF010A SST-SST39SF010A Datasheet
271Kb / 22P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A_04 Datasheet
379Kb / 24P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39LF010 MICROCHIP-SST39LF010 Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39SF010A MICROCHIP-SST39SF010A_16 Datasheet
227Kb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
04/16
SST39SF040A MICROCHIP-SST39SF040A Datasheet
3Mb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2002-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com