Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2827F3-08 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM2827F3-08
Description  Negative Output Low Drop Out voltage regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2827F3-08 Datasheet(HTML) 2 Page - New Japan Radio

  NJM2827F3-08 Datasheet HTML 1Page - New Japan Radio NJM2827F3-08 Datasheet HTML 2Page - New Japan Radio NJM2827F3-08 Datasheet HTML 3Page - New Japan Radio NJM2827F3-08 Datasheet HTML 4Page - New Japan Radio NJM2827F3-08 Datasheet HTML 5Page - New Japan Radio NJM2827F3-08 Datasheet HTML 6Page - New Japan Radio NJM2827F3-08 Datasheet HTML 7Page - New Japan Radio NJM2827F3-08 Datasheet HTML 8Page - New Japan Radio NJM2827F3-08 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NJM2827
- 2 -
Ver.2010-07-13
OUTPUT VOLTAGE RANK LIST
Output voltage options available: -1.5 ~ -10.0V
ABSOLUTE MAXIMUM RATINGS
(Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
-14
V
Power Dissipation
PD
250(*1)
mW
Operating
Temperature
Topr
−40 ∼ +85
°C
Storage Temperature
Tstg
−40 ∼ +125
°C
(*1): Mount on EIA/JEDEC STANDARD Test board (76.2*114.3*1.6mm, 2layers, FR-4)
Operating voltage
VIN=-3.2 ∼ -12V (In case of Vo>-3.0V version)
ELECTRICAL CHARACTERISTICS
(Vo<-2.2V Version: VIN=Vo-1V, CIN=0.1µF, Co=1.0µF, Ta=25°C)
(Vo≥-2.2V Version: VIN=-3.2V, CIN=0.1µF, Co=2.2µF(Vo>-2.0V: Co=4.7µF), Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
Vo
Io=30mA
+1.5%
-
-1.5%
V
Quiescent Current
IQ
Io=0mA
-
130
200
µA
Output Current
Io
VO+0.3V
100
130
-
mA
Line Regulation
∆Vo/∆VIN
VIN=Vo-1V ∼ -12V(VO < -2.2V)
VIN=-3.2V ∼ -12V(VO ≥ -2.2V)
Io=30mA
-
-
0.10
%/V
Load Regulation
∆Vo/∆Io
Io=0
∼60mA
-
-
0.03
%/mA
Dropout Voltage(*2)
∆VI_O
Io=60mA
-
0.13
0.23
V
Ripple Rejection
RR
VIN=Vo-1V ∼ -12V(VO ≤ -3.0V)
VIN=-4.0V ∼ -12V(VO > -3.0V)
ein=200mVrms, f=1kHz, Io=10mA,
Vo=-7V Version
-
65
-
dB
Average Temperature
Coefficient of Output
Voltage
∆Vo/∆Ta
Ta=0
∼ 85°C, Io=10mA
-
±50
-
ppm/°C
Output Noise Voltage
VNO
f=10Hz
∼80kHz, Io=10mA,
Vo=-7V Version
-
100
-
µVrms
CS Terminal Charge Current
Ics
VCS=0V
4
5
6
µA
Input Voltage
VIN
-12
-
-
V
(*2): Excludes Vo>-3.0V version.
The above specification is a common specification for all output voltages.
Therefore, it may be different from the individual specification for a specific output voltage.
Device Name
Vout
NJM2827F3 -14
-1.4V
NJM2827F3 -15
-1.5V
NJM2827F3 -05
-5.0V
NJM2827F3 -06
-6.0V
NJM2827F3 -07
-7.0V
NJM2827F3 -75
-7.5V
NJM2827F3 -08
-8.0V
NJM2829F3 -10
-10.0V


Similar Part No. - NJM2827F3-08

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2820 NJRC-NJM2820 Datasheet
97Kb / 6P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2820F NJRC-NJM2820F Datasheet
97Kb / 6P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2821 NJRC-NJM2821 Datasheet
97Kb / 6P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2821F NJRC-NJM2821F Datasheet
97Kb / 6P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2822 NJRC-NJM2822 Datasheet
97Kb / 6P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
More results

Similar Description - NJM2827F3-08

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2828 NJRC-NJM2828 Datasheet
362Kb / 12P
   Negative Output Low Drop Out voltage regulator
Ver.2016-05-10
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
   LOW DROP OUT VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4294GV50 INFINEON-TLE4294GV50 Datasheet
677Kb / 10P
   Low Drop Out Voltage Regulator
Rev. 1.1, February 2008
TLE4675 INFINEON-TLE4675 Datasheet
570Kb / 25P
   Low Drop Out Linear Voltage Regulator 5V Fixed Output Voltage
Rev. 1.0, Sept. 2008
TLE4678-2 INFINEON-TLE4678-2_15 Datasheet
2Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
TLF4277-2 INFINEON-TLF4277-2 Datasheet
1Mb / 25P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-13
TLE4291E INFINEON-TLE4291E Datasheet
1Mb / 28P
   Low Drop Out Linear Voltage Regulator
Rev. 1.1, 2012-12-03
TLE4678 INFINEON-TLE4678_15 Datasheet
1Mb / 37P
   Low Drop Out Linear Voltage Regulator
Rev. 1.2, 2014-10-17
TLE4678-2EL INFINEON-TLE4678-2EL Datasheet
1Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-05-07
TLE4699GM INFINEON-TLE4699GM Datasheet
1Mb / 31P
   Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.0, 2010-11-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com