Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7948SRTER Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7948SRTER
Description  12/10/8-Bit 2MSPS, Dual-Channel Unipolar Pseudo-Differential Ultralow-Power SAR Analog-to-Digital Converters
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7948SRTER Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS7948SRTER Datasheet HTML 7Page - Texas Instruments ADS7948SRTER Datasheet HTML 8Page - Texas Instruments ADS7948SRTER Datasheet HTML 9Page - Texas Instruments ADS7948SRTER Datasheet HTML 10Page - Texas Instruments ADS7948SRTER Datasheet HTML 11Page - Texas Instruments ADS7948SRTER Datasheet HTML 12Page - Texas Instruments ADS7948SRTER Datasheet HTML 13Page - Texas Instruments ADS7948SRTER Datasheet HTML 14Page - Texas Instruments ADS7948SRTER Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
3.2
3
2.8
2.6
2.4
2.2
2
2.7
5.7
AVDD,AnalogSupplyVoltage(V)
3.2
4.7
4.2
3.7
5.2
2.4
2.38
2.36
2.34
2.32
2.3
-40
125
Free-AirTemperature( C)
°
-25
20
AVDD=3V
5
-10
35
50
65
80
95
110
1.9
1.88
1.86
1.84
1.82
1.8
1.78
1.76
1.74
1.72
1.7
2.7
5.7
AVDD,AnalogSupplyVoltage(V)
3.2
4.7
4.2
3.7
5.2
1.77
1.765
1.76
1.755
1.75
1.745
1.74
1.735
1.73
-40
125
Free-AirTemperature( C)
°
-25
20
AVDD=3V
5
-10
35
50
65
80
95
110
2.5
2
1.5
1
0.5
0
0
700
Throughput(kSPS)
100
300
200
600
500
400
AVDD=3V
AVDD=5V
PDENPinHigh
ADS7947
ADS7948
ADS7949
www.ti.com
SLAS708 – SEPTEMBER 2010
TYPICAL CHARACTERISTICS: ADS7947, ADS7948, ADS7949
At TA = +25°C, DVDD = 1.8V, VREF = 2.5V, and fSAMPLE = 2MSPS, unless otherwise noted.
SUPPLY CURRENT vs ANALOG SUPPLY VOLTAGE
SUPPLY CURRENT vs TEMPERATURE
Figure 1.
Figure 2.
STATIC CURRENT vs ANALOG SUPPLY VOLTAGE
STATIC CURRENT vs FREE-AIR TEMPERATURE
Figure 3.
Figure 4.
SUPPLY CURRENT vs THROUGHPUT
Figure 5.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS7947 ADS7948 ADS7949


Similar Part No. - ADS7948SRTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7948SRTER TI1-ADS7948SRTER Datasheet
890Kb / 39P
[Old version datasheet]   12/10/8-Bit, 2MSPS, Dual-Channel, Unipolar, Pseudo-Differential, Ultralow-Power SAR Analog-to-Digital Converters
More results

Similar Description - ADS7948SRTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7947 TI1-ADS7947_14 Datasheet
890Kb / 39P
[Old version datasheet]   12/10/8-Bit, 2MSPS, Dual-Channel, Unipolar, Pseudo-Differential, Ultralow-Power SAR Analog-to-Digital Converters
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
logo
Analog Devices
AD9114 AD-AD9114 Datasheet
2Mb / 48P
   Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
REV. 0
AD9714 AD-AD9714 Datasheet
1Mb / 48P
   Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
REV. 0
logo
Burr-Brown (TI)
ADS7884 BURR-BROWN-ADS7884 Datasheet
843Kb / 22P
   10-/8-BIT, 3-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS7945 TI1-ADS7945 Datasheet
1Mb / 49P
[Old version datasheet]   14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
ADS7945 TI1-ADS7945_14 Datasheet
1Mb / 50P
[Old version datasheet]   14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
logo
Burr-Brown (TI)
ADS7887 BURR-BROWN-ADS7887 Datasheet
510Kb / 23P
   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS7887 TI1-ADS7887_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Murata Power Solutions ...
DAC-HF8BMC MURATA-PS-DAC-HF8BMC Datasheet
123Kb / 4P
   Ultra-Fast, 8/10/12-Bit Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com