Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UCC28250 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part No. UCC28250
Description  Advanced PWM Controller With Pre-Bias Operation
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28250 Datasheet(HTML) 27 Page - Texas Instruments

Back Button UCC28250 Datasheet HTML 23Page - Texas Instruments UCC28250 Datasheet HTML 24Page - Texas Instruments UCC28250 Datasheet HTML 25Page - Texas Instruments UCC28250 Datasheet HTML 26Page - Texas Instruments UCC28250 Datasheet HTML 27Page - Texas Instruments UCC28250 Datasheet HTML 28Page - Texas Instruments UCC28250 Datasheet HTML 29Page - Texas Instruments UCC28250 Datasheet HTML 30Page - Texas Instruments UCC28250 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
-45
135
T
J - Temperature - °C
2.60
2.70
2.85
45
2.75
2.65
15
-15
75
105
2.80
F
SW = 200 kHz
-45
135
T
J - Temperature - °C
26.8
27.1
27.4
45
27.2
26.9
15
-15
75
105
27.3
27.0
-45
135
T
J - Temperature - °C
1.5
2.0
3.0
5.0
45
4.5
15
-15
75
105
3.5
V
HICC_PU
V
CS(max)
2.5
4.0
-45
135
T
J - Temperature - °C
499.4
499.8
500.0
500.6
45
500.2
499.6
15
-15
75
105
500.4
UCC28250
www.ti.com
SLUSA29B – APRIL 2010 – REVISED OCTOBER 2010
TYPICAL CHARACTERISTICS (continued)
OPERATING SUPPLY CURRENT
SOFT-START CURRENT
vs
vs
TEMPERATURE
TEMPERATURE
Figure 24.
Figure 25.
RAMP/CS CLAMP VOLTAGE AND HICCUP PULL-UP
CYCLE-BY-CYCLE CURRENT LIMIT
THRESHOLD
vs
vs
TEMPERATURE
TEMPERATURE
Figure 26.
Figure 27.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): UCC28250


Similar Part No. - UCC28250

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
UCC28250 TI-UCC28250 Datasheet
758Kb / 48P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250PW TI-UCC28250PW Datasheet
758Kb / 48P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250PW TI1-UCC28250PW Datasheet
980Kb / 53P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250PWR TI-UCC28250PWR Datasheet
758Kb / 48P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250PWR TI1-UCC28250PWR Datasheet
980Kb / 53P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
More results

Similar Description - UCC28250

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
UCC28250 TI1-UCC28250_12 Datasheet
980Kb / 53P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250_15 Datasheet
997Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250_10 Datasheet
758Kb / 48P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28251 TI1-UCC28251 Datasheet
902Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28251 TI1-UCC28251_16 Datasheet
1Mb / 55P
[Old version datasheet]   Advanced PWM Controller With Prebias Operation
UCC28251 TI-UCC28251_15 Datasheet
1Mb / 55P
[Old version datasheet]   UCC28251 Advanced PWM Controller With Prebias Operation
Microsemi Corporation
Microsemi Corporation
LX1660 MICROSEMI-LX1660 Datasheet
323Kb / 15P
   ADVANCED PWM CONTROLLER
International Rectifier
International Rectifier
IR3621 IRF-IR3621 Datasheet
375Kb / 29P
   2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
Texas Instruments
Texas Instruments
UC1638 TI1-UC1638_13 Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
Anpec Electronics Coropration
Anpec Electronics Corop...
APW7016 ANPEC-APW7016 Datasheet
114Kb / 11P
   Advanced PWM Power Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz