Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UCC28250 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part No. UCC28250
Description  Advanced PWM Controller With Pre-Bias Operation
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28250 Datasheet(HTML) 22 Page - Texas Instruments

Back Button UCC28250 Datasheet HTML 18Page - Texas Instruments UCC28250 Datasheet HTML 19Page - Texas Instruments UCC28250 Datasheet HTML 20Page - Texas Instruments UCC28250 Datasheet HTML 21Page - Texas Instruments UCC28250 Datasheet HTML 22Page - Texas Instruments UCC28250 Datasheet HTML 23Page - Texas Instruments UCC28250 Datasheet HTML 24Page - Texas Instruments UCC28250 Datasheet HTML 25Page - Texas Instruments UCC28250 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
ILIM
HICC
UCC28250
C
HICC
C
S
R
S
CT
1:n
Transformer Primary
Side Current
S
PK
0.5 V
n
R
I
´
=
S
S
100 ns
C
R
=
UCC28250
SLUSA29B – APRIL 2010 – REVISED OCTOBER 2010
www.ti.com
ILIM (Current Limit for Cycle-By-Cycle Over-Current Protection) (17/4)
Cycle-by-cycle current limit is accomplished using the ILIM pin for current mode control or for voltage mode
control. The input to the ILIM pin represents the primary current information. If the voltage sensed at ILIM pin
exceeds 0.5 V, the current sense comparator terminates the pulse of output OUTA or OUTB. If the high current
condition persists, the controller operates in a cycle-by-cycle current limit mode with duty cycle determined by the
current sense comparator instead of the PWM comparator. ILIM pin is pulled down by an internal switch at the
rising edge of every clock cycle. This internal switch remains on for an additional 70 ns after OUTA or OUTB
goes high to blank leading edge transient noise in the current sensing loop. This reduces the filtering
requirements at the ILIM pin and improves the current sense response time.
Figure 15. Current Limit Circuit
Once the over current protection level IPK is selected, the current transformer turns ratio and the burden resistor
value can be decided as:
(11)
In this equation, current transformer turns ratio is 1:n and RS is the burden resistor value.
Some filtering capacitance is required to reduce the sensing noise. Choose the RC constant at about 100 ns,
and calculate the capacitor value as:
(12)
The cycle-by-cycle current limit operation time before all four outputs shut down can be programmed by external
capacitor CHICC at HICC pin. (See HICC pin description)
22
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): UCC28250


Similar Part No. - UCC28250

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
UCC28250 TI-UCC28250 Datasheet
758Kb / 48P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250PW TI-UCC28250PW Datasheet
758Kb / 48P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250PW TI1-UCC28250PW Datasheet
980Kb / 53P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250PWR TI-UCC28250PWR Datasheet
758Kb / 48P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250PWR TI1-UCC28250PWR Datasheet
980Kb / 53P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
More results

Similar Description - UCC28250

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
UCC28250 TI1-UCC28250_12 Datasheet
980Kb / 53P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250_15 Datasheet
997Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250_10 Datasheet
758Kb / 48P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28251 TI1-UCC28251 Datasheet
902Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28251 TI1-UCC28251_16 Datasheet
1Mb / 55P
[Old version datasheet]   Advanced PWM Controller With Prebias Operation
UCC28251 TI-UCC28251_15 Datasheet
1Mb / 55P
[Old version datasheet]   UCC28251 Advanced PWM Controller With Prebias Operation
Microsemi Corporation
Microsemi Corporation
LX1660 MICROSEMI-LX1660 Datasheet
323Kb / 15P
   ADVANCED PWM CONTROLLER
International Rectifier
International Rectifier
IR3621 IRF-IR3621 Datasheet
375Kb / 29P
   2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
Texas Instruments
Texas Instruments
UC1638 TI1-UC1638_13 Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
Anpec Electronics Coropration
Anpec Electronics Corop...
APW7016 ANPEC-APW7016 Datasheet
114Kb / 11P
   Advanced PWM Power Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz