Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UCC28250 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part No. UCC28250
Description  Advanced PWM Controller With Pre-Bias Operation
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28250 Datasheet(HTML) 18 Page - Texas Instruments

Back Button UCC28250 Datasheet HTML 14Page - Texas Instruments UCC28250 Datasheet HTML 15Page - Texas Instruments UCC28250 Datasheet HTML 16Page - Texas Instruments UCC28250 Datasheet HTML 17Page - Texas Instruments UCC28250 Datasheet HTML 18Page - Texas Instruments UCC28250 Datasheet HTML 19Page - Texas Instruments UCC28250 Datasheet HTML 20Page - Texas Instruments UCC28250 Datasheet HTML 21Page - Texas Instruments UCC28250 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
B
MAX
3 V
R
I
/ n
=
CS
OUTA
OUTB
COMP
UCC28250
SLUSA29B – APRIL 2010 – REVISED OCTOBER 2010
www.ti.com
CS: Current Mode Control
For current mode control, the RAMP/CS pin is driven by a signal representative of the transformer primary-side
current. The current signal has to have compatible input range of the COMP pin. As shown in Figure 12, the
COMP pin voltage is used as the reference for peak current. The primary-side signals OUTA and OUTB are
turned on by the internal clock signal and turned off when sensed peak current reaches the COMP pin voltage.
Choose the current sense transformer turns ratio (1:n) and the burden resistor value (RB) based on the peak
current at maximum load IMAX. Refer to the Functional Description section for more details on the current mode
control.
(7)
Figure 12. Peak Current Mode Control and PWM Generation
REF/EA+ (1/8)
REF/EA+ is the non-inverting input of the UCC28250’s internal error amplifier.
When the UCC28250 is configured for secondary-side control, the internal error amplifier is used as the control
loop error amplifier. Connect REF/EA+ directly to the VREF pin to provide the reference voltage for the feedback
loop.
When the UCC28250 is configured for primary-side control, the error amplifier is connected as a voltage follower.
Connect REF/EA+ to the opto-coupler output.
The voltage range on REF/EA+ pin is 0 V to 3.7 V.
18
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): UCC28250


Similar Part No. - UCC28250

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
UCC28250 TI-UCC28250 Datasheet
758Kb / 48P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250PW TI-UCC28250PW Datasheet
758Kb / 48P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250PW TI1-UCC28250PW Datasheet
980Kb / 53P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250PWR TI-UCC28250PWR Datasheet
758Kb / 48P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250PWR TI1-UCC28250PWR Datasheet
980Kb / 53P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
More results

Similar Description - UCC28250

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
UCC28250 TI1-UCC28250_12 Datasheet
980Kb / 53P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250_15 Datasheet
997Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250_10 Datasheet
758Kb / 48P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28251 TI1-UCC28251 Datasheet
902Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28251 TI1-UCC28251_16 Datasheet
1Mb / 55P
[Old version datasheet]   Advanced PWM Controller With Prebias Operation
UCC28251 TI-UCC28251_15 Datasheet
1Mb / 55P
[Old version datasheet]   UCC28251 Advanced PWM Controller With Prebias Operation
Microsemi Corporation
Microsemi Corporation
LX1660 MICROSEMI-LX1660 Datasheet
323Kb / 15P
   ADVANCED PWM CONTROLLER
International Rectifier
International Rectifier
IR3621 IRF-IR3621 Datasheet
375Kb / 29P
   2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
Texas Instruments
Texas Instruments
UC1638 TI1-UC1638_13 Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
Anpec Electronics Coropration
Anpec Electronics Corop...
APW7016 ANPEC-APW7016 Datasheet
114Kb / 11P
   Advanced PWM Power Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz