Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UCC28250 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part No. UCC28250
Description  Advanced PWM Controller With Pre-Bias Operation
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28250 Datasheet(HTML) 35 Page - Texas Instruments

Back Button UCC28250 Datasheet HTML 31Page - Texas Instruments UCC28250 Datasheet HTML 32Page - Texas Instruments UCC28250 Datasheet HTML 33Page - Texas Instruments UCC28250 Datasheet HTML 34Page - Texas Instruments UCC28250 Datasheet HTML 35Page - Texas Instruments UCC28250 Datasheet HTML 36Page - Texas Instruments UCC28250 Datasheet HTML 37Page - Texas Instruments UCC28250 Datasheet HTML 38Page - Texas Instruments UCC28250 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
IN
PRE BIAS
RAMP
SR(ramp)
PRE BIAS
V
V
2 n
V
V
2 V
-
-
-
´
=
´
´
(
)
COMP( final)
MAX
V
SR _ D
0.5
3 V 2
=
-
´
´
(
)
COMP( final)
RAMP
MAX
V
V
1 SR _ D
2
=
-
´
IN(max)
CS
RAMP
CS
sw
V
2
R
V
C
f
´
=
´
´
UCC28250
www.ti.com
SLUSA29B – APRIL 2010 – REVISED OCTOBER 2010
The input voltage feedforward also helps on pre-biased start up. When doing primary-side control to pre-biased
start up, three conditions need to be considered:
Condition 1
At initial start up the primary side needs to provide enough energy to prevent output voltage dip;
Condition 2
At the end of soft start, it is required to keep the SR duty cycle change to be as small as possible. With input
voltage feedforward, the COMP pin voltage is virtually fixed for different input voltages. Therefore, before the end
of soft start, the duty cycle is the same for different input voltages. Choose the RCS and CCS following the
procedure below.
Considering initial start up, the RAMP peak voltage should be:
(23)
In this equation, VIN is the input voltage because of the feedforward any input voltage should be fine; VPRE-BIAS is
the highest pre-bias start-up voltage required by the system; n is the tranformer primary to secondary turns ratio
and VSR(ramp) is the internal SR ramp peak voltage 3 V.
Another consideration is at the end of soft start, the SR duty cycle changes from controlled by the soft start, to
complimentary to the primary-side duty cycle. The design should keep the transition as smooth as possible.
Considering this, based on the output voltage and input voltage range, as well as the transformer turns ratio,
calculate the SR duty cycle at different line voltages.
Next, based on the maximum duty cycle on the SR_DMAX, and the internal fixed ramp amplitude 3 V, the COMP
voltage at regulation can be chosen as:
(24)
Condition 3
Use the calculated COMP pin voltage to derive the external ramp amplitude
(25)
According to the calculated ramp voltage from Equation 23 and Equation 25 some trade off is required to pick up
the appropriate ramp voltage. Based on the selected ramp capacitor CCS value, choose the ramp resistor RCS
value:
(26)
In this equation, VIN(max) is the maximum input voltage, fSW is the switching frequency.
Because these calculations ignore the dead time and the non-linearity of the ramp, slight modification is expected
to achieve the optimal design. When the input voltage feed forward is not used, refer to the RAMP pin discussion
for RC calculation.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): UCC28250


Similar Part No. - UCC28250

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
UCC28250 TI-UCC28250 Datasheet
758Kb / 48P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250PW TI-UCC28250PW Datasheet
758Kb / 48P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250PW TI1-UCC28250PW Datasheet
980Kb / 53P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250PWR TI-UCC28250PWR Datasheet
758Kb / 48P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250PWR TI1-UCC28250PWR Datasheet
980Kb / 53P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
More results

Similar Description - UCC28250

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
UCC28250 TI1-UCC28250_12 Datasheet
980Kb / 53P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250_15 Datasheet
997Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250_10 Datasheet
758Kb / 48P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28251 TI1-UCC28251 Datasheet
902Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28251 TI1-UCC28251_16 Datasheet
1Mb / 55P
[Old version datasheet]   Advanced PWM Controller With Prebias Operation
UCC28251 TI-UCC28251_15 Datasheet
1Mb / 55P
[Old version datasheet]   UCC28251 Advanced PWM Controller With Prebias Operation
Microsemi Corporation
Microsemi Corporation
LX1660 MICROSEMI-LX1660 Datasheet
323Kb / 15P
   ADVANCED PWM CONTROLLER
International Rectifier
International Rectifier
IR3621 IRF-IR3621 Datasheet
375Kb / 29P
   2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
Texas Instruments
Texas Instruments
UC1638 TI1-UC1638_13 Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
Anpec Electronics Coropration
Anpec Electronics Corop...
APW7016 ANPEC-APW7016 Datasheet
114Kb / 11P
   Advanced PWM Power Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz