Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5960 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5960
Description  Eight-Channel LED Driver with Intelligent Headroom Voltage Monitor (iHVM)
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5960 Datasheet(HTML) 5 Page - Texas Instruments

  TLC5960 Datasheet HTML 1Page - Texas Instruments TLC5960 Datasheet HTML 2Page - Texas Instruments TLC5960 Datasheet HTML 3Page - Texas Instruments TLC5960 Datasheet HTML 4Page - Texas Instruments TLC5960 Datasheet HTML 5Page - Texas Instruments TLC5960 Datasheet HTML 6Page - Texas Instruments TLC5960 Datasheet HTML 7Page - Texas Instruments TLC5960 Datasheet HTML 8Page - Texas Instruments TLC5960 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
VIN
VADJ
VREG5
HVM1
CTRL1
CTRL2
EN
D1
G1
GND
HVM2
HVM3
HVM4
CTRL3
CTRL4
XFLT
D5
G5
S5
1
2
3
4
5
6
7
8
9
38
37
36
35
34
33
32
31
30
29
S1
D2
G2
S2
D3
G3
S3
D4
G4
S4
D6
G6
S6
D7
G7
S7
D8
G8
S8
10
11
12
13
14
15
16
17
18
19
28
27
26
25
24
23
22
21
20
TLC5960
www.ti.com
SBVS147 – SEPTEMBER 2010
PIN CONFIGURATIONS
DA PACKAGE
TSSOP-38
(TOP VIEW)
PIN DESCRIPTIONS
PIN
NAME
NO.
I/O
DESCRIPTION
VIN
1
I
Supply voltage input
VADJ
2
I
Analog dimming input
VREG5
3
O
Internal linear regulator 5V output
DC/DC feedback interface for thermal control. HVM4 is also used to set LED short detection
HVM1, 2, 3, 4
4, 35, 36, 37
IO
threshold during 4CH and 8CH HVM modes (see the Flexible Configurations of the iHVM
section).
Parallel PWM input control interface. High turns on corresponding channels. Configuration
CTRL1, 2, 3, 4
5, 6, 33, 34
I
depends on the HVM mode.
High enables driver control from CTRL1 to CTRL4. Low disables driver control from CTRL
EN
7
I
inputs
8, 11, 14, 17,
D1 to D8
I
External FET drain node sense voltage input
22, 25, 28, 31
9, 12, 15, 18,
G1 to G8
IO
External FET gate driver output
21, 24, 27, 30
10, 13, 16, 19,
S1 to S8
I
External FET source node sense voltage input
20, 23, 26, 29
XFLT
32
O
Fault detection notifying buffer output (open drain)
GND
38
Common ground
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TLC5960


Similar Part No. - TLC5960

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5902 TI-TLC5902 Datasheet
306Kb / 22P
[Old version datasheet]   LED DRIVER
TLC5902 TI1-TLC5902 Datasheet
334Kb / 23P
[Old version datasheet]   LED DRIVER
TLC59025 TI-TLC59025 Datasheet
696Kb / 21P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC59025IDBQR TI-TLC59025IDBQR Datasheet
696Kb / 21P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC59025IDWR TI-TLC59025IDWR Datasheet
696Kb / 21P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
More results

Similar Description - TLC5960

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
CD1865 INTEL-CD1865 Datasheet
1Mb / 150P
   Intelligent Eight-Channel Communications Controller
logo
National Semiconductor ...
LM3464 NSC-LM3464_10 Datasheet
523Kb / 22P
   LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
logo
Texas Instruments
LM3464 TI1-LM3464 Datasheet
1Mb / 33P
[Old version datasheet]   LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
LM3464 TI1-LM3464_14 Datasheet
1Mb / 30P
[Old version datasheet]   LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
logo
Analog Devices
AD8240 AD-AD8240 Datasheet
223Kb / 12P
   LED Driver/Monitor
REV. 0
AD8240 AD-AD8240_15 Datasheet
224Kb / 12P
   LED Driver/Monitor
REV. 0
logo
National Semiconductor ...
SCANSTA476 NSC-SCANSTA476 Datasheet
502Kb / 7P
   Eight Input IEEE 1149.1 Analog Voltage Monitor
SCANSTA476_0508 NSC-SCANSTA476_0508 Datasheet
501Kb / 7P
   Eight Input IEEE 1149.1 Analog Voltage Monitor
logo
Cypress Semiconductor
CY8CLED04D01 CYPRESS-CY8CLED04D01 Datasheet
1Mb / 52P
   PowerPSoC Intelligent LED Driver
CY8CLED04D01 CYPRESS-CY8CLED04D01_11 Datasheet
1Mb / 55P
   PowerPSoC짰 Intelligent LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com