Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

61C00-01-04-02 Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 61C00-01-04-02
Description  16 or 32 Position with Pushbutton
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

61C00-01-04-02 Datasheet(HTML) 1 Page - Grayhill, Inc

  61C00-01-04-02 Datasheet HTML 1Page - Grayhill, Inc 61C00-01-04-02 Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Optical Encoders
SERIES 61C
16 or 32 Position with Pushbutton
FEATURES
• Competitively Priced to Similar
Electromechanical Switches
• Optically Coupled For More Than A
Million Trouble-Free Rotations
• Has Data Entry Pushbutton Switch
Activated By Switch Shaft
• Compatible With CMOS, TTL
and HCMOS Logic
• Operationally Used to Move Display
Icon and Input Data
• Used to Set Radio Frequency,
Drill Depth, RPM, etc.
DIMENSIONS In inches (and millimeters)
Unless otherwise indicated, tolerances are ± .010 (0,25).
.219 ± .003
(5,56 ± 0,08)
TO SHAFT
FLAT
.521 ± .003 DIA.
(Ø 13,23 ± 0,08)
.152 ± .002
(3,86 ± 0,05)
TO BOTTOM
OF KEYWAY
ANGLE
A ± 3˚*
BUSHING
KEYWAY IS
.066 ± .002
(1,68 ± 0,05)
WIDE
.450 (11,43)
.525 ± .010
(13,34 ± 0,25)
OF .750 DIA.
(Ø 19,05)
AND
KEYWAY
C
L
PIN 6 5 4 3 2 1
.420 (10,67)
.312 ± .020
(7,92 ± 0,51)
.375 (9,53)
3/8-32 UNEF-2A
THREAD
.250 DIA.
(Ø 6,35)
.250
(6,35)
.025 ± .002
(0,64 ± 0,05)
SQUARE PIN
(6 PLACES)
.040
(1,02)
TO
.070
(1,78)
TRAVEL
.728 (18,49)
.100 (2,54)
.140 (3,56)
MAX.
.750 ± .003
DIA.
(Ø 19,05 ± 0,08)
.100 ± .005 TYP.
(2,54 ± 0,13)
.050 ± .005 TYP.
(1,27 ± 0,13)
.629
± .005
(15,98
± 0,13)
*ANGLE A
Centerline of switch to
perpendicular of shaft flat
32 Pos.
28.125°
16 Pos.
56.25°
Grayhill part number and date
code marked on label. Customer
part number marked on request.
I-21


Similar Part No. - 61C00-01-04-02

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
61C MSYSTEM-61C Datasheet
111Kb / 4P
   Field Network Modules 61-UNIT Series
61C-041-K MSYSTEM-61C-041-K Datasheet
111Kb / 4P
   Field Network Modules 61-UNIT Series
61C-041-K/Q MSYSTEM-61C-041-K/Q Datasheet
111Kb / 4P
   Field Network Modules 61-UNIT Series
61C-041-R MSYSTEM-61C-041-R Datasheet
111Kb / 4P
   Field Network Modules 61-UNIT Series
61C-041-R/Q MSYSTEM-61C-041-R/Q Datasheet
111Kb / 4P
   Field Network Modules 61-UNIT Series
More results

Similar Description - 61C00-01-04-02

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI670X NI-NI670X Datasheet
349Kb / 4P
   Software-Timed Analog Output-16-Bit, 16 or 32 Channels
logo
ASM GmbH
WS11 ASM-SENSOR-WS11 Datasheet
64Kb / 2P
   Position Sensor with Absolute or Incremental Encoder
WS19KK ASM-SENSOR-WS19KK Datasheet
407Kb / 8P
   Position Sensor with Absolute or Incremental Encoder
logo
Ironwood Electronics.
CA-QFE32SA-M-N-T-01 IRONWOOD-CA-QFE32SA-M-N-T-01 Datasheet
166Kb / 1P
   Emulator Adaptor 32 position headers (0.100" centers) to 32 position receptacles.
logo
Pomona Electronics
3265 POMONA-3265 Datasheet
38Kb / 1P
   Standard Banana Plug with #6-32 or #8-32 Screw
logo
STMicroelectronics
STM32F101X4 STMICROELECTRONICS-STM32F101X4_10 Datasheet
1Mb / 77P
   Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers
ST93C06 STMICROELECTRONICS-ST93C06 Datasheet
118Kb / 15P
   256 bit 16 x 16 or 32 x 8 SERIAL MICROWIRE EEPROM
logo
Ironwood Electronics.
CA-MLF32A-A-Z-T-01 IRONWOOD-CA-MLF32A-A-Z-T-01 Datasheet
113Kb / 2P
   Carrier Adaptor 32 position MLF ZIF socket to 32 position surface mountable MLF emulator foot with test probes.
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
logo
Maxim Integrated Produc...
DS4301 MAXIM-DS4301 Datasheet
155Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
Rev 0; 8/03
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com