Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF22LV10CQZ-30SI Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATF22LV10CQZ-30SI
Description  High-performance Electrically Erasable Programmable Logic Device
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF22LV10CQZ-30SI Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATF22LV10CQZ-30SI Datasheet HTML 4Page - ATMEL Corporation ATF22LV10CQZ-30SI Datasheet HTML 5Page - ATMEL Corporation ATF22LV10CQZ-30SI Datasheet HTML 6Page - ATMEL Corporation ATF22LV10CQZ-30SI Datasheet HTML 7Page - ATMEL Corporation ATF22LV10CQZ-30SI Datasheet HTML 8Page - ATMEL Corporation ATF22LV10CQZ-30SI Datasheet HTML 9Page - ATMEL Corporation ATF22LV10CQZ-30SI Datasheet HTML 10Page - ATMEL Corporation ATF22LV10CQZ-30SI Datasheet HTML 11Page - ATMEL Corporation ATF22LV10CQZ-30SI Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
0779M–PLD–7/10
Atmel ATF22LV10C(Q)Z
Figure 8-2.
I/O Diagram
9.
Functional Logic Diagram Description
The Functional Logic Diagram describes the Atmel® ATF22LV10CZ/CQZ architecture.
The ATF22LV10CZ/CQZ has 12 inputs and 10 I/O macrocells. Each macrocell can be configured into one of four
output configurations: active high/low or registered/combinatorial. The universal architecture of the
ATF22LV10CZ/CQZ can be programmed to emulate most 24-pin PAL devices.
Unused product terms are automatically disabled by the compiler to decrease power consumption. A security fuse,
when programmed, protects the contents of the ATF22LV10CZ/CQZ. Eight bytes (64-fuses) of User Signature are
accessible to the user for purposes such as storing project name, part number, revision or date. The User
Signature is accessible regardless of the state of the security fuse.
100K
VCC
VCC
DATA
OE
I/O
INPUT


Similar Part No. - ATF22LV10CQZ-30SI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22LV10CQZ-30SI ATMEL-ATF22LV10CQZ-30SI Datasheet
358Kb / 19P
   Highperformance EE PLD
More results

Similar Description - ATF22LV10CQZ-30SI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B_10 Datasheet
628Kb / 16P
   High-performance Electrically Erasable Programmable Logic Device
ATF22LV10C ATMEL-ATF22LV10C Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
ATF22V10CZ ATMEL-ATF22V10CZ_10 Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
ATF22V10C ATMEL-ATF22V10C_10 Datasheet
1Mb / 22P
   High-performance Electrically Erasable Programmable Logic Device
ATF2500C ATMEL-ATF2500C_14 Datasheet
620Kb / 24P
   High-performance, High-density, Electrically-erasable Programmable Logic Device
logo
Anachip Corp
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com