Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTD08A210W Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PTD08A210W
Description  SINGLE 10-A OUTPUT 4.75-V to 14-V INPUT, NON-ISOLATED DIGITAL POWERTRAIN MODULE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTD08A210W Datasheet(HTML) 1 Page - Texas Instruments

  PTD08A210W Datasheet HTML 1Page - Texas Instruments PTD08A210W Datasheet HTML 2Page - Texas Instruments PTD08A210W Datasheet HTML 3Page - Texas Instruments PTD08A210W Datasheet HTML 4Page - Texas Instruments PTD08A210W Datasheet HTML 5Page - Texas Instruments PTD08A210W Datasheet HTML 6Page - Texas Instruments PTD08A210W Datasheet HTML 7Page - Texas Instruments PTD08A210W Datasheet HTML 8Page - Texas Instruments PTD08A210W Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PTD08A210W
www.ti.com
SLTS300 – SEPTEMBER 2010
SINGLE 10-A OUTPUT, 4.75-V to 14-V INPUT, NON-ISOLATED,
DIGITAL POWERTRAIN™ MODULE
Check for Samples: PTD08A210W
1
FEATURES
DESCRIPTION
2
Single 10-A Output
The PTD08A210W is a high-performance single 10-A
output, non-isolated digital PowerTrain module. This
4.75-V to 14-V Input Voltage
module is the power conversion section of a digital
Programmable Wide-Output Voltage
power system which incorporates TI's UCD7242
(0.7 V to 3.6 V)
MOSFET/driver IC. The PTD08A210W must be used
Efficiencies up to 96%
in conjunction with a digital power controller such as
the UCD9240, UCD9220 or UCD9110 family. The
Digital I/O
PTD08A210W receives control signals from the
PWM signal
digital controller and provides parametric and status
Fault Flag (FF)
information back to the digital controller. Together,
PowerTrain modules and a digital power controller
Sychronous Rectifier Enable (SRE)
form a sophisticated, robust, and easily configured
Analog I/O
power management solution.
Temperature
Operating from an input voltage range of 4.75 V to
Output currrent
14 V, the PTD08A210W provides step-down power
Safety Agency Approvals:
conversion to a wide range of output voltages from,
0.7 V to 3.6 V. The wide input voltage range makes
UL/IEC/CSA-C22.2 60950-1
the PTD08A210W particularly suitable for advanced
Operating Temperature: –40°C to 85°C
computing and server applications that utilize a
loosely regulated 8-V, 9.6-V or 12-V intermediate
APPLICATIONS
distribution bus. Additionally, the wide input voltage
Digital Power Systems
range
increases
design
flexibility
by
supporting
using UCD9XXX Digital Controllers
operation
with
tightly
regulated
5-V
or
12-V
intermediate bus architectures.
The module incorporates output over-current and
temperature monitoring which protects against most
load faults. Output current and module temperature
signals are provided for the digital controller to permit
user
defined
over-current
and
over-temperature
warning and fault scerarios.
The module uses single-sided, pin-less surface
mount construction to provide a low profile and
compact footprint. The package is lead (Pb) - free
and RoHS compatible.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
POWERTRAIN is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PTD08A210W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTD08A006W TI1-PTD08A006W Datasheet
979Kb / 15P
[Old version datasheet]   6-A, 4.75-V TO 14-V, NON-ISOLATED, DIGITAL POWERTRAIN??MODULE
PTD08A006WAD TI1-PTD08A006WAD Datasheet
979Kb / 15P
[Old version datasheet]   6-A, 4.75-V TO 14-V, NON-ISOLATED, DIGITAL POWERTRAIN??MODULE
PTD08A010W TI-PTD08A010W Datasheet
765Kb / 15P
[Old version datasheet]   10-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08A010W TI1-PTD08A010W Datasheet
536Kb / 15P
[Old version datasheet]   DIGITAL POWERTRAIN??MODULE
PTD08A010WAD TI1-PTD08A010WAD Datasheet
536Kb / 15P
[Old version datasheet]   DIGITAL POWERTRAIN??MODULE
More results

Similar Description - PTD08A210W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTD08A010W TI-PTD08A010W Datasheet
765Kb / 15P
[Old version datasheet]   10-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08A020W TI-PTD08A020W_10 Datasheet
672Kb / 15P
[Old version datasheet]   20-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08A020W TI-PTD08A020W Datasheet
121Kb / 6P
[Old version datasheet]   20-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08D210W TI1-PTD08D210W Datasheet
485Kb / 19P
[Old version datasheet]   DUAL 10-A OUTPUTS, 4.75-V to 14-V INPUT, NON-ISOLATED, DIGITAL POWERTRAIN??MODULE
PTD08A020W TI-PTD08A020W_08 Datasheet
312Kb / 14P
[Old version datasheet]   20-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08A015W TI1-PTD08A015W Datasheet
572Kb / 15P
[Old version datasheet]   15-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08A006W TI1-PTD08A006W Datasheet
979Kb / 15P
[Old version datasheet]   6-A, 4.75-V TO 14-V, NON-ISOLATED, DIGITAL POWERTRAIN??MODULE
PTH08T240W TI-PTH08T240W Datasheet
846Kb / 30P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH08T241W TI-PTH08T241W Datasheet
1Mb / 38P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS
PTH08T240W TI-PTH08T240W_07 Datasheet
1Mb / 38P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com