Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5508CPAG Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5508CPAG
Description  8-Channel Digital Audio PWM Processor
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5508CPAG Datasheet(HTML) 73 Page - Texas Instruments

Back Button TAS5508CPAG Datasheet HTML 69Page - Texas Instruments TAS5508CPAG Datasheet HTML 70Page - Texas Instruments TAS5508CPAG Datasheet HTML 71Page - Texas Instruments TAS5508CPAG Datasheet HTML 72Page - Texas Instruments TAS5508CPAG Datasheet HTML 73Page - Texas Instruments TAS5508CPAG Datasheet HTML 74Page - Texas Instruments TAS5508CPAG Datasheet HTML 75Page - Texas Instruments TAS5508CPAG Datasheet HTML 76Page - Texas Instruments TAS5508CPAG Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 107 page
background image
TAS5508C
www.ti.com
SLES257 – SEPTEMBER 2010
7
Serial-Control Interface Register Definitions
Unless otherwise noted, the I2C register default values are in bold font.
Note that u indicates unused bits.
7.1
Clock Control Register (0x00)
Bit D1 is Don't Care.
Table 7-1. Clock Control Register Format
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
32-kHz data rate
0
0
1
38-kHz data rate
0
1
0
44.1-kHz data rate
0
1
1
48-kHz data rate
1
0
0
88.2-kHz data rate
1
0
1
96-kHz data rate
1
1
0
176.4-kHz data rate
1
1
1
192-kHz data rate
0
0
0
MCLK frequency = 64
0
0
1
MCLK frequency = 128
0
1
0
MCLK frequency = 192
0
1
1
MCLK frequency = 256
1
0
0
MCLK frequency = 384
1
0
1
MCLK frequency = 512
1
1
0
MCLK frequency = 768
1
1
1
Reserved
1
Clock register is valid (read-only)
0
Clock register is not valid (read-only)
7.2
General Status Register 0 (0x01)
Table 7-2. General Status Register Format
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
1
Clip indicator
1
Bank switching busy
0
0
0
0
0
1
Identification code for TAS5508C
Copyright © 2010, Texas Instruments Incorporated
Serial-Control Interface Register Definitions
73
Submit Documentation Feedback
Product Folder Link(s): TAS5508C


Similar Part No. - TAS5508CPAG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5508 TI-TAS5508 Datasheet
1Mb / 101P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5508 TI-TAS5508 Datasheet
1Mb / 84P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5508 TI-TAS5508 Datasheet
1Mb / 105P
[Old version datasheet]   8-Channel Digital Audio PWM Processor
TAS5508 TI-TAS5508 Datasheet
240Kb / 20P
[Old version datasheet]   PurePath Digital™ 5.1 Channel Evaluation Module for the TAS5508 Digital Audio PWM processor and TAS5122DCA Digital Amplifier Power Output Stage in Both Bridge-Tied-Load and Single-Ended Configuration
October 2004
TAS5508-5122C6EVM TI-TAS5508-5122C6EVM Datasheet
240Kb / 20P
[Old version datasheet]   PurePath Digital™ 5.1 Channel Evaluation Module for the TAS5508 Digital Audio PWM processor and TAS5122DCA Digital Amplifier Power Output Stage in Both Bridge-Tied-Load and Single-Ended Configuration
October 2004
More results

Similar Description - TAS5508CPAG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5508B TI-TAS5508B Datasheet
1Mb / 106P
[Old version datasheet]   8-Channel Digital Audio PWM Processor
TAS5518C TI1-TAS5518C Datasheet
1Mb / 103P
[Old version datasheet]   8-Channel Digital Audio PWM Processor
TAS5508PAGRG4 TI-TAS5508PAGRG4 Datasheet
1Mb / 105P
[Old version datasheet]   8-Channel Digital Audio PWM Processor
TAS5028A TI-TAS5028A Datasheet
1Mb / 82P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5508 TI-TAS5508 Datasheet
1Mb / 101P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5518 TI-TAS5518_06 Datasheet
1Mb / 103P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5508A TI-TAS5508A Datasheet
1Mb / 99P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5028 TI-TAS5028 Datasheet
1Mb / 84P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5508B TI1-TAS5508B_17 Datasheet
1Mb / 104P
[Old version datasheet]   8-Channel Digital Audio PWM Processor
TAS5518 TI-TAS5518 Datasheet
1Mb / 102P
[Old version datasheet]   TAS5518 8 Channel Digital Audio PWM Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com