Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT32UC3L032-ZAUR Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT32UC3L032-ZAUR
Description  32-bit AVR짰Microcontroller
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3L032-ZAUR Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT32UC3L032-ZAUR Datasheet HTML 5Page - ATMEL Corporation AT32UC3L032-ZAUR Datasheet HTML 6Page - ATMEL Corporation AT32UC3L032-ZAUR Datasheet HTML 7Page - ATMEL Corporation AT32UC3L032-ZAUR Datasheet HTML 8Page - ATMEL Corporation AT32UC3L032-ZAUR Datasheet HTML 9Page - ATMEL Corporation AT32UC3L032-ZAUR Datasheet HTML 10Page - ATMEL Corporation AT32UC3L032-ZAUR Datasheet HTML 11Page - ATMEL Corporation AT32UC3L032-ZAUR Datasheet HTML 12Page - ATMEL Corporation AT32UC3L032-ZAUR Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 88 page
background image
9
32099DS–06/2010
AT32UC3L016/32/64
3.2
Peripheral Multiplexing on I/O lines
3.2.1
Multiplexed signals
Each GPIO line can be assigned to one of the peripheral functions.The following table describes
the peripheral signals multiplexed to the GPIO lines.
Table 3-1.
GPIO Controller Function Multiplexing
Q
F
P
48
PIN
G
PI
O
Supply
Pad
Type
GPIO Function
AB
CD
E
F
G
H
11
PA00
0
VDDIO
Normal
I/O
USART0-
TXD
USART1-
RTS
SPI-
NPCS[2]
PWMA-
PWMA[0]
SCIF-
GCLK[0]
CAT-CSA[2]
14
PA01
1
VDDIO
Normal
I/O
USART0-
RXD
USART1-
CTS
SPI-
NPCS[3]
USART1-
CLK
PWMA-
PWMA[1]
ACIFB-
ACAP[0]
TWIMS0-
TWALM
CAT-CSA[1]
13
PA02
2
VDDIO
High-
drive I/O
USART0-
RTS
ADCIFB-
TRIGGER
USART2-
TXD
TC0-A0
PWMA-
PWMA[2]
ACIFB-
ACBP[0]
USART0-
CLK
CAT-CSA[3]
4
PA03
3
VDDIO
Normal
I/O
USART0-
CTS
SPI-
NPCS[1]
USART2-
TXD
TC0-B0
PWMA-
PWMA[3]
ACIFB-
ACBN[3]
USART0-
CLK
CAT-CSB[3]
28
PA04
4
VDDIO
Normal
I/O
SPI-MISO
TWIMS0-
TWCK
USART1-
RXD
TC0-B1
PWMA-
PWMA[4]
ACIFB-
ACBP[1]
CAT-CSA[7]
12
PA05
5
VDDIO
TWI,
Normal
I/O
SPI-MOSI
TWIMS1-
TWCK
USART1-
TXD
TC0-A1
PWMA-
PWMA[5]
ACIFB-
ACBN[0]
TWIMS0-
TWD
CAT-CSB[7]
10
PA06
6
VDDIO
High-
drive I/O,
5V
tolerant
SPI-SCK
USART2-
TXD
USART1-
CLK
TC0-B0
PWMA-
PWMA[6]
SCIF-
GCLK[1]
CAT-CSB[1]
15
PA07
7
VDDIO
TWI,
Normal
I/O
SPI-
NPCS[0]
USART2-
RXD
TWIMS1-
TWALM
TWIMS0-
TWCK
PWMA-
PWMA[7]
ACIFB-
ACAN[0]
NMI
CAT-CSB[2]
3
PA08
8
VDDIO
High-
drive I/O
USART1-
TXD
SPI-
NPCS[2]
TC0-A2
ADCIFB-
ADP[0]
PWMA-
PWMA[8]
CAT-CSA[4]
2
PA09
9
VDDIO
High-
drive I/O
USART1-
RXD
SPI-
NPCS[3]
TC0-B2
ADCIFB-
ADP[1]
PWMA-
PWMA[9]
SCIF-GCLK[2]
EIC-
EXTINT[1]
CAT-CSB[4]
46
PA10
10
VDDIO
Normal
I/O
TWIMS0-
TWD
TC0-A0
PWMA-
PWMA[10]
ACIFB-
ACAP[1]
SCIF-
GCLK[2]
CAT-CSA[5]
27
PA11
11
VDDIN
Normal
I/O
PWMA-
PWMA[11]
47
PA12
12
VDDIO
Normal
I/O
ADCIFB-
PRND
USART2-
CLK
TC0-CLK1
CAT-SMP
PWMA-
PWMA[12]
ACIFB-
ACAN[1]
SCIF-
GCLK[3]
CAT-CSB[5]
26
PA13
13
VDDIN
Normal
I/O
GLOC-
OUT[0]
GLOC-IN[7]
TC0-A0
SCIF-
GCLK[2]
PWMA-
PWMA[13]
CAT-SMP
EIC-
EXTINT[2]
CAT-CSA[0]
36
PA14
14
VDDIO
Normal
I/O
ADCIFB-
AD[0]
TC0-CLK2
USART2-
RTS
CAT-SMP
PWMA-
PWMA[14]
SCIF-
GCLK[4]
CAT-CSA[6]
37
PA15
15
VDDIO
Normal
I/O
ADCIFB-
AD[1]
TC0-CLK1
GLOC-IN[6]
PWMA-
PWMA[15]
CAT-SYNC
EIC-
EXTINT[3]
CAT-CSB[6]
38
PA16
16
VDDIO
Normal
I/O
ADCIFB-
AD[2]
TC0-CLK0
GLOC-IN[5]
PWMA-
PWMA[16]
ACIFB-
ACREFN
EIC-
EXTINT[4]
CAT-CSA[8]
39
PA17
17
VDDIO
TWI,
Normal
I/O
TC0-A1
USART2-
CTS
TWIMS1-
TWD
PWMA-
PWMA[17]
CAT-SMP
CAT-DIS
CAT-CSB[8]


Similar Part No. - AT32UC3L032-ZAUR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3L032-ZAUR ATMEL-AT32UC3L032-ZAUR Datasheet
11Mb / 825P
   AVR32 32-bit Microcontroller
AT32UC3L032-ZAUR ATMEL-AT32UC3L032-ZAUR Datasheet
10Mb / 830P
   32-bit AVR짰 Microcontroller
More results

Similar Description - AT32UC3L032-ZAUR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A3256S ATMEL-AT32UC3A3256S_2 Datasheet
15Mb / 1014P
   32-bit AVR짰Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_10 Datasheet
1Mb / 90P
   32-bit AVR짰Microcontroller
AT32AP7002 ATMEL-AT32AP7002_09 Datasheet
863Kb / 52P
   AVR 32 32-bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512_09 Datasheet
1Mb / 98P
   AVR 32 32-Bit Microcontroller
logo
Maxwell Technologies
80386DX MAXWELL-80386DX Datasheet
244Kb / 17P
   32-Bit Microprocessor
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
logo
Toshiba Semiconductor
TMPM330FWFG TOSHIBA-TMPM330FWFG Datasheet
1Mb / 24P
   32-Bit Microcontrollers
logo
Fujitsu Component Limit...
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com