Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5508C Datasheet(PDF) 86 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5508C
Description  8-Channel Digital Audio PWM Processor
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5508C Datasheet(HTML) 86 Page - Texas Instruments

Back Button TAS5508C Datasheet HTML 82Page - Texas Instruments TAS5508C Datasheet HTML 83Page - Texas Instruments TAS5508C Datasheet HTML 84Page - Texas Instruments TAS5508C Datasheet HTML 85Page - Texas Instruments TAS5508C Datasheet HTML 86Page - Texas Instruments TAS5508C Datasheet HTML 87Page - Texas Instruments TAS5508C Datasheet HTML 88Page - Texas Instruments TAS5508C Datasheet HTML 89Page - Texas Instruments TAS5508C Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 107 page
background image
TAS5508C
SLES257 – SEPTEMBER 2010
www.ti.com
7.21 DRC1 Control Registers, Channels 1–7 (0x96)
Bits D31–D14 are Don't Care.
Table 7-22. Channel 1–7 DCR1 Control Register Format
D31
D30
D29
D28
D27
D26
D25
D24
FUNCTION
Unused bits
D23
D22
D21
D20
D19
D18
D17
D16
FUNCTION
Unused bits
D15
D14
D13
D12
D11
D10
D9
D8
FUNCTION
0
0
Channel 1 (node j): No DRC
0
1
Channel 1 (node j): Pre-volume DRC
1
0
Channel 1 (node j): Post-volume DRC
1
1
Channel 1 (node j): No DRC
0
0
Channel 2 (node I): No DRC
0
1
Channel 2 (node I): Pre-volume DRC
1
0
Channel 2 (node I): Post-volume DRC
1
1
Channel 2 (node i): No DRC
0
0
Channel 3 (node m): No DRC
0
1
Channel 3 (node m): Pre-volume DRC
1
0
Channel 3 (node m): Post-volume DRC
1
1
Channel 3 (node m): No DRC
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
Channel 4 (node n): No DRC
0
1
Channel 4 (node n): Pre-volume DRC
1
0
Channel 4 (node n): Post-volume DRC
1
1
Channel 4 (node n): No DRC
0
0
Channel 5 (node o): No DRC
0
1
Channel 5 (node o): Pre-volume DRC
1
0
Channel 5 (node o): Post-volume DRC
1
1
Channel 5 (node o): No DRC
0
0
Channel 6 (node p): No DRC
0
1
Channel 6 (node p): Pre-volume DRC
1
0
Channel 6 (node p): Post-volume DRC
1
1
Channel 6 (node p): No DRC
0
0
Channel 7 (node q): No DRC
0
1
Channel 7 (node q): Pre-volume DRC
1
0
Channel 7 (node q): Post-volume DRC
1
1
Channel 7 (node q): No DRC
86
Serial-Control Interface Register Definitions
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TAS5508C


Similar Part No. - TAS5508C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5508 TI-TAS5508 Datasheet
1Mb / 101P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5508 TI-TAS5508 Datasheet
1Mb / 84P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5508 TI-TAS5508 Datasheet
1Mb / 105P
[Old version datasheet]   8-Channel Digital Audio PWM Processor
TAS5508 TI-TAS5508 Datasheet
240Kb / 20P
[Old version datasheet]   PurePath Digital™ 5.1 Channel Evaluation Module for the TAS5508 Digital Audio PWM processor and TAS5122DCA Digital Amplifier Power Output Stage in Both Bridge-Tied-Load and Single-Ended Configuration
October 2004
TAS5508-5122C6EVM TI-TAS5508-5122C6EVM Datasheet
240Kb / 20P
[Old version datasheet]   PurePath Digital™ 5.1 Channel Evaluation Module for the TAS5508 Digital Audio PWM processor and TAS5122DCA Digital Amplifier Power Output Stage in Both Bridge-Tied-Load and Single-Ended Configuration
October 2004
More results

Similar Description - TAS5508C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5508B TI-TAS5508B Datasheet
1Mb / 106P
[Old version datasheet]   8-Channel Digital Audio PWM Processor
TAS5518C TI1-TAS5518C Datasheet
1Mb / 103P
[Old version datasheet]   8-Channel Digital Audio PWM Processor
TAS5508PAGRG4 TI-TAS5508PAGRG4 Datasheet
1Mb / 105P
[Old version datasheet]   8-Channel Digital Audio PWM Processor
TAS5028A TI-TAS5028A Datasheet
1Mb / 82P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5508 TI-TAS5508 Datasheet
1Mb / 101P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5518 TI-TAS5518_06 Datasheet
1Mb / 103P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5508A TI-TAS5508A Datasheet
1Mb / 99P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5028 TI-TAS5028 Datasheet
1Mb / 84P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5508B TI1-TAS5508B_17 Datasheet
1Mb / 104P
[Old version datasheet]   8-Channel Digital Audio PWM Processor
TAS5518 TI-TAS5518 Datasheet
1Mb / 102P
[Old version datasheet]   TAS5518 8 Channel Digital Audio PWM Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com