Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2140 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2140
Description  High-Precision, Low-Noise, Rail-to-Rail Output 11MHz JFET Op Amp
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2140 Datasheet(HTML) 3 Page - Texas Instruments

  OPA2140 Datasheet HTML 1Page - Texas Instruments OPA2140 Datasheet HTML 2Page - Texas Instruments OPA2140 Datasheet HTML 3Page - Texas Instruments OPA2140 Datasheet HTML 4Page - Texas Instruments OPA2140 Datasheet HTML 5Page - Texas Instruments OPA2140 Datasheet HTML 6Page - Texas Instruments OPA2140 Datasheet HTML 7Page - Texas Instruments OPA2140 Datasheet HTML 8Page - Texas Instruments OPA2140 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
OPA140
OPA2140, OPA4140
www.ti.com
SBOS498A – JULY 2010 – REVISED AUGUST 2010
ELECTRICAL CHARACTERISTICS: VS = +4.5V to +36V; ±2.25V to ±18V
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, RL = 2kΩ connected to midsupply, VCM = VOUT = midsupply, unless otherwise noted.
OPA140, OPA2140, OPA4140
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
Offset Voltage, RTI
VOS
VS = ±18V
30
120
mV
Over Temperature
VS = ±18V
220
mV
Drift
dVOS/dT
VS = ±18V
±0.35
1.0
mV/°C
vs Power Supply
PSRR
VS = ±2.25V to ±18V
±0.1
±0.5
mV/V
xxxOver Temperature
VS = ±2.25V to ±18V
±4
mV/V
INPUT BIAS CURRENT(1)
Input Bias Current
IB
±0.5
±10
pA
Over Temperature
±3
nA
Input Offset Current
IOS
±0.5
±10
pA
Over Temperature
±1
nA
NOISE
Input Voltage Noise
f = 0.1Hz to 10Hz
250
nVPP
f = 0.1Hz to 10Hz
42
nVRMS
Input Voltage Noise Density
en
f = 10Hz
8
nV/
√Hz
f = 100Hz
5.8
nV/
√Hz
f = 1kHz
5.1
nV/
√Hz
Input Current Noise Density
In
f = 1kHz
0.8
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
(V–) –0.1
(V+)–3.5
V
VS = ±18V, VCM = (V–) –0.1V
Common-Mode Rejection Ratio
CMRR
126
140
dB
to (V+) – 3.5V
VS = ±18V, VCM = (V–) –0.1V
Over Temperature
120
dB
to (V+) – 3.5V
INPUT IMPEDANCE
Differential
1013 || 10
Ω || pF
Common-Mode
VCM = (V–) –0.1V to (V+) –3.5V
1013 || 7
Ω || pF
OPEN-LOOP GAIN
VO = (V–)+0.35V to (V+)–0.35V, RL =
Open-Loop Voltage Gain
AOL
120
126
dB
10k
Ω
VO = (V–)+0.35V to (V+)–0.35V, RL = 2kΩ
114
126
dB
Over Temperature
VO = (V–)+0.35V to (V+)–0.35V, RL = 2kΩ
108
dB
FREQUENCY RESPONSE
Gain Bandwidth Product
BW
11
MHz
Slew Rate
20
V/ms
Settling Time, 12-bit (0.024)
880
ns
Settling Time, 16-bit
1.6
ms
THD+N
1kHz, G = 1, VO = 3.5VRMS
0.00005
%
Overload Recovery Time
600
ns
(1)
High-speed test, TA = TJ.
Copyright © 2010, Texas Instruments Incorporated
3
Product Folder Link(s): OPA140 OPA2140 OPA4140


Similar Part No. - OPA2140

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2140 TI-OPA2140 Datasheet
1Mb / 44P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output,11-MHz JFET Op Amp
OPA2140 TI-OPA2140 Datasheet
2Mb / 48P
[Old version datasheet]   OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amp
OPA2140 TI-OPA2140 Datasheet
2Mb / 49P
[Old version datasheet]   OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amps
REVISED MARCH 2023
OPA2140AID TI1-OPA2140AID Datasheet
1Mb / 44P
[Old version datasheet]   11-MHz JFET Op Amp
OPA2140AID TI-OPA2140AID Datasheet
2Mb / 48P
[Old version datasheet]   OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amp
More results

Similar Description - OPA2140

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA140 TI-OPA140_15 Datasheet
1Mb / 44P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output,11-MHz JFET Op Amp
OPA140 TI-OPA140_V01 Datasheet
2Mb / 48P
[Old version datasheet]   OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amp
logo
Linear Technology
LT1677 LINER-LT1677 Datasheet
239Kb / 16P
   Low Noise, Rail-to-Rail Precision Op Amp
LT1677 LINER-LT1677_1 Datasheet
548Kb / 20P
   Low Noise, Rail-to-Rail Precision Op Amp
LT1677 LINER-LT1677_15 Datasheet
553Kb / 20P
   Low Noise, Rail-to-Rail Precision Op Amp
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
logo
Texas Instruments
OPA140 TI-OPA140_V02 Datasheet
2Mb / 49P
[Old version datasheet]   OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amps
REVISED MARCH 2023
logo
Analog Devices
AD8624ARUZ AD-AD8624ARUZ Datasheet
432Kb / 20P
   Low Power, Precision Rail-to-Rail Output Op Amp
REV. C
ADA4610-1 AD-ADA4610-1_16 Datasheet
750Kb / 25P
   Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com