Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF22V10BQL-20GM/883 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATF22V10BQL-20GM/883
Description  High-performance Electrically Erasable Programmable Logic Device
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF22V10BQL-20GM/883 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATF22V10BQL-20GM/883 Datasheet HTML 1Page - ATMEL Corporation ATF22V10BQL-20GM/883 Datasheet HTML 2Page - ATMEL Corporation ATF22V10BQL-20GM/883 Datasheet HTML 3Page - ATMEL Corporation ATF22V10BQL-20GM/883 Datasheet HTML 4Page - ATMEL Corporation ATF22V10BQL-20GM/883 Datasheet HTML 5Page - ATMEL Corporation ATF22V10BQL-20GM/883 Datasheet HTML 6Page - ATMEL Corporation ATF22V10BQL-20GM/883 Datasheet HTML 7Page - ATMEL Corporation ATF22V10BQL-20GM/883 Datasheet HTML 8Page - ATMEL Corporation ATF22V10BQL-20GM/883 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
0250M–PLD–7/10
Atmel ATF22V10B
4.
AC Waveforms(1)
Note:
1. Timing measurement reference is 1.5V. Input AC driving levels are 0.0V and 3.0V, unless otherwise specified
5.
AC Characteristics(1)
Notes:
1. See ordering information for valid part numbers
Symbol
Parameter
-10
-15
Units
Min
Max
Min
Max
t
PD
Input or Feedback to
Combinatorial Output
3
10
3
15
ns
t
CO
Clock to Output
2
6.5
2
8
ns
t
CF
Clock to Feedback
2.5
2.5
ns
t
S
Input or Feedback Setup Time
4.5
10
ns
t
H
Hold Time
0
0
ns
f
MAX
External Feedback 1/(t
S +tCO)
90
55.5
MHz
Internal Feedback 1/(t
S +tCF)
142
69
MHz
No Feedback 1/(t
WH +tWL)
142
83.3
MHz
t
W
Clock Width (t
WL and tWH)
3.5
6
ns
t
EA
Input or I/O to Output Enable
3
10
3
15
ns
t
ER
Input or I/O to Output Disable
3
9
3
15
ns
t
AP
Input or I/O to Asynchronous
Reset of Register
3
12
3
20
ns
t
AW
Asynchronous Reset Width
8
15
ns
t
AR
Asynchronous Reset
Recovery Time
610
ns
t
SP
Setup Time, Synchronous Preset
6
10
ns
t
SPR
Synchronous Preset to
Clock Recovery Time
810
ns


Similar Part No. - ATF22V10BQL-20GM/883

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10BQL-20GM/883 ATMEL-ATF22V10BQL-20GM/883 Datasheet
886Kb / 14P
   High- Performance EE PLD
ATF22V10BQL-20GM/883 ATMEL-ATF22V10BQL-20GM/883 Datasheet
537Kb / 15P
   Highperformance EE PLD
More results

Similar Description - ATF22V10BQL-20GM/883

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22LV10C ATMEL-ATF22LV10C Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
ATF22V10CZ ATMEL-ATF22V10CZ_10 Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
ATF22LV10CZ ATMEL-ATF22LV10CZ_10 Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
ATF22V10C ATMEL-ATF22V10C_10 Datasheet
1Mb / 22P
   High-performance Electrically Erasable Programmable Logic Device
ATF2500C ATMEL-ATF2500C_14 Datasheet
620Kb / 24P
   High-performance, High-density, Electrically-erasable Programmable Logic Device
logo
Anachip Corp
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com