Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT32UC3A464S Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT32UC3A464S
Description  32-bit AVR짰Microcontroller
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3A464S Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT32UC3A464S Datasheet HTML 2Page - ATMEL Corporation AT32UC3A464S Datasheet HTML 3Page - ATMEL Corporation AT32UC3A464S Datasheet HTML 4Page - ATMEL Corporation AT32UC3A464S Datasheet HTML 5Page - ATMEL Corporation AT32UC3A464S Datasheet HTML 6Page - ATMEL Corporation AT32UC3A464S Datasheet HTML 7Page - ATMEL Corporation AT32UC3A464S Datasheet HTML 8Page - ATMEL Corporation AT32UC3A464S Datasheet HTML 9Page - ATMEL Corporation AT32UC3A464S Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 90 page
background image
6
32072C–AVR32–2010/03
AT32UC3A3/A4
3.
Signals Description
The following table gives details on the signal name classified by peripheral
Table 3-1.
Signal Description List
Signal Name
Function
Type
Active
Level
Comments
Power
VDDIO
I/O Power Supply
Power
3.0 to 3.6 V
VDDANA
Analog Power Supply
Power
3.0 to 3.6 V
VDDIN
Voltage Regulator Input Supply
Power
2.7 to 3.6 V
ONREG
Voltage Regulator ON/OFF
Power
Control
1
2.7 to 3.6 V
VDDCORE
Voltage Regulator Output for Digital Supply
Power
Output
1.65 to 1.95V
GNDANA
Analog Ground
Ground
GNDIO
I/O Ground
Ground
GNDCORE
DIgital Ground
Ground
GNDPLL
PLL Ground
Ground
Clocks, Oscillators, and PLL’s
XIN0, XIN1, XIN32
Crystal 0, 1, 32 Input
Analog
XOUT0, XOUT1,
XOUT32
Crystal 0, 1, 32 Output
Analog
JTAG
TCK
Test Clock
Input
TDI
Test Data In
Input
TDO
Test Data Out
Output
TMS
Test Mode Select
Input
Auxiliary Port - AUX
MCKO
Trace Data Output Clock
Output
MDO[5:0]
Trace Data Output
Output
MSEO[1:0]
Trace Frame Control
Output
EVTI_N
Event In
Output
Low
EVTO_N
Event Out
Output
Low
Power Manager - PM


Similar Part No. - AT32UC3A464S

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A464S ATMEL-AT32UC3A464S Datasheet
15Mb / 1014P
   32-bit AVR짰Microcontroller
AT32UC3A464S ATMEL-AT32UC3A464S Datasheet
1Mb / 91P
   32-bit AVR짰 Microcontroller
AT32UC3A464S-C1UR ATMEL-AT32UC3A464S-C1UR Datasheet
15Mb / 1014P
   32-bit AVR짰Microcontroller
AT32UC3A464S-C1UT ATMEL-AT32UC3A464S-C1UT Datasheet
15Mb / 1014P
   32-bit AVR짰Microcontroller
More results

Similar Description - AT32UC3A464S

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A3256S ATMEL-AT32UC3A3256S_2 Datasheet
15Mb / 1014P
   32-bit AVR짰Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_10 Datasheet
1Mb / 88P
   32-bit AVR짰Microcontroller
AT32AP7002 ATMEL-AT32AP7002_09 Datasheet
863Kb / 52P
   AVR 32 32-bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512_09 Datasheet
1Mb / 98P
   AVR 32 32-Bit Microcontroller
logo
Maxwell Technologies
80386DX MAXWELL-80386DX Datasheet
244Kb / 17P
   32-Bit Microprocessor
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
logo
Toshiba Semiconductor
TMPM330FWFG TOSHIBA-TMPM330FWFG Datasheet
1Mb / 24P
   32-Bit Microcontrollers
logo
Fujitsu Component Limit...
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com