Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-8984106LA Datasheet(PDF) 5 Page - ATMEL Corporation

Part # 5962-8984106LA
Description  High-performance Electrically Erasable Programmable Logic Device
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

5962-8984106LA Datasheet(HTML) 5 Page - ATMEL Corporation

  5962-8984106LA Datasheet HTML 1Page - ATMEL Corporation 5962-8984106LA Datasheet HTML 2Page - ATMEL Corporation 5962-8984106LA Datasheet HTML 3Page - ATMEL Corporation 5962-8984106LA Datasheet HTML 4Page - ATMEL Corporation 5962-8984106LA Datasheet HTML 5Page - ATMEL Corporation 5962-8984106LA Datasheet HTML 6Page - ATMEL Corporation 5962-8984106LA Datasheet HTML 7Page - ATMEL Corporation 5962-8984106LA Datasheet HTML 8Page - ATMEL Corporation 5962-8984106LA Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
0250M–PLD–7/10
Atmel ATF22V10B
6.
Input Test Waveforms and Measurement Levels
t
R,tF < 3ns
7.
Output Test Loads
* All except -7 which is R2 = 300
8.
Pin Capacitance
Note:
1. Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested
9.
Power-up Reset
The registers in the Atmel® ATF22V10B are designed to reset during power-up. At a point delayed slightly from
V
CC crossing VRST, all registers will be reset to the low state. The output state will depend on the polarity of the out-
put buffer.
This feature is critical for state machine initialization. However, due to the asynchronous nature of reset and the
uncertainty of how V
CC actually rises in the system, the following conditions are required:
1. The V
CC rise must be monotonic
2. After reset occurs, all input and feedback setup times must be met before driving the clock pin high
3. The clock must remain stable during t
PR
Commercial
Military
f = 1MHz, T = 25°C(1)
Typ
Max
Units
Conditions
C
IN
5
8
pF
V
IN =0V
C
OUT
6
8
pF
V
OUT =0V


Similar Part No. - 5962-8984106LA

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
5962-8984106LA ATMEL-5962-8984106LA Datasheet
537Kb / 15P
   Highperformance EE PLD
More results

Similar Description - 5962-8984106LA

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22LV10C ATMEL-ATF22LV10C Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
ATF22V10CZ ATMEL-ATF22V10CZ_10 Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
ATF22LV10CZ ATMEL-ATF22LV10CZ_10 Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
ATF22V10C ATMEL-ATF22V10C_10 Datasheet
1Mb / 22P
   High-performance Electrically Erasable Programmable Logic Device
ATF2500C ATMEL-ATF2500C_14 Datasheet
620Kb / 24P
   High-performance, High-density, Electrically-erasable Programmable Logic Device
logo
Anachip Corp
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com