Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F357D6KFF Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # R5F357D6KFF
Description  RENESAS MCU
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F357D6KFF Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button R5F357D6KFF Datasheet HTML 33Page - Renesas Technology Corp R5F357D6KFF Datasheet HTML 34Page - Renesas Technology Corp R5F357D6KFF Datasheet HTML 35Page - Renesas Technology Corp R5F357D6KFF Datasheet HTML 36Page - Renesas Technology Corp R5F357D6KFF Datasheet HTML 37Page - Renesas Technology Corp R5F357D6KFF Datasheet HTML 38Page - Renesas Technology Corp R5F357D6KFF Datasheet HTML 39Page - Renesas Technology Corp R5F357D6KFF Datasheet HTML 40Page - Renesas Technology Corp R5F357D6KFF Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 159 page
background image
REJ03B0267-0101
Rev.1.01
Page 37 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
4. Special Function Registers (SFRs)
Note:
1.
The blank areas are reserved. No access is allowed.
Table 4.6
SFR Information (6) (1)
Address
Register
Symbol
Reset Value
0160h
0161h
LIN Wakeup Baud Rate Select Register
LWBR
00h
0162h
LIN Baud Rate Prescaler 0 Register
LBRP0
00h
0163h
LIN Baud Rate Prescaler 1 Register
LBRP1
00h
0164h
LIN Self-test Control Register
LSTC
00h
0165h
LIN Port Clock Control Register
LPC
00h
0166h
0167h
0168h
LIN0 Mode Register
L0MD
00h
0169h
LIN0 Break Field Setting Register
L0BRK
00h
016Ah
LIN0 Space Width Setting Register
L0SPC
00h
016Bh
LIN0 Wakeup Setting Register
L0WUP
00h
016Ch
LIN0 Interrupt Enable Register
L0IE
00h
016Dh
LIN0 Error Detection Enable Register
L0EDE
00h
016Eh
LIN0 Control Register
L0C
00h
016Fh
0170h
LIN0 Transmit Control Register
L0TC
00h
0171h
LIN0 Mode Status Register
L0MST
00h
0172h
LIN0 Status Register
L0ST
00h
0173h
LIN0 Error Status Register
L0EST
00h
0174h
LIN0 Response Field Setting Register
L0RFC
00h
0175h
LIN0 ID Buffer Register
L0IDB
XXh
0176h
LIN0 Check Sum Buffer Register
L0CB
XXh
0177h
0178h
LIN0 Data 1 Buffer Register
L0DB1
XXh
0179h
LIN0 Data 2 Buffer Register
L0DB2
XXh
017Ah
LIN0 Data 3 Buffer Register
L0DB3
XXh
017Bh
LIN0 Data 4 Buffer Register
L0DB4
XXh
017Ch
LIN0 Data 5 Buffer Register
L0DB5
XXh
017Dh
LIN0 Data 6 Buffer Register
L0DB6
XXh
017Eh
LIN0 Data 7 Buffer Register
L0DB7
XXh
017Fh
LIN0 Data 8 Buffer Register
L0DB8
XXh
X: Undefined


Similar Part No. - R5F357D6KFF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F35623DFE RENESAS-R5F35623DFE Datasheet
612Kb / 85P
   RENESAS MCU
R5F35623DFE RENESAS-R5F35623DFE Datasheet
673Kb / 88P
   RENESAS MCU
R5F35623DFE RENESAS-R5F35623DFE Datasheet
673Kb / 88P
   RENESAS MCU
R5F35623JFE RENESAS-R5F35623JFE Datasheet
1Mb / 117P
   RENESAS MCU
R5F35623JFE RENESAS-R5F35623JFE Datasheet
767Kb / 116P
   RENESAS MCU
More results

Similar Description - R5F357D6KFF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com