Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F35MBEJFF Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # R5F35MBEJFF
Description  RENESAS MCU
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F35MBEJFF Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button R5F35MBEJFF Datasheet HTML 39Page - Renesas Technology Corp R5F35MBEJFF Datasheet HTML 40Page - Renesas Technology Corp R5F35MBEJFF Datasheet HTML 41Page - Renesas Technology Corp R5F35MBEJFF Datasheet HTML 42Page - Renesas Technology Corp R5F35MBEJFF Datasheet HTML 43Page - Renesas Technology Corp R5F35MBEJFF Datasheet HTML 44Page - Renesas Technology Corp R5F35MBEJFF Datasheet HTML 45Page - Renesas Technology Corp R5F35MBEJFF Datasheet HTML 46Page - Renesas Technology Corp R5F35MBEJFF Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 159 page
background image
REJ03B0267-0101
Rev.1.01
Page 43 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
4. Special Function Registers (SFRs)
Note:
1.
The blank areas are reserved. No access is allowed.
Table 4.12
SFR Information (12) (1)
Address
Register
Symbol
Reset Value
0270h
0271h
0272h
0273h
0274h
0275h
0276h
0277h
0278h
0279h
027Ah
027Bh
027Ch
027Dh
027Eh
027Fh
0280h
0281h
0282h
0283h
0284h
0285h
0286h
0287h
0288h
0289h
028Ah
028Bh
028Ch
028Dh
028Eh
028Fh
0290h
0291h
0292h
0293h
0294h
0295h
0296h
0297h
0298h
UART4 Transmit/Receive Mode Register
U4MR
00h
0299h
UART4 Bit Rate Register
U4BRG
XXh
029Ah
UART4 Transmit Buffer Register
U4TB
XXh
029Bh
XXh
029Ch
UART4 Transmit/Receive Control Register 0
U4C0
0000 1000b
029Dh
UART4 Transmit/Receive Control Register 1
U4C1
0000 0010b
029Eh
UART4 Receive Buffer Register
U4RB
XXh
029Fh
XXh
X: Undefined


Similar Part No. - R5F35MBEJFF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F35MBEJFE RENESAS-R5F35MBEJFE Datasheet
1Mb / 159P
   RENESAS MCU
More results

Similar Description - R5F35MBEJFF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com