Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST39LF020-45-4C-NKE Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST39LF020-45-4C-NKE
Description  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39LF020-45-4C-NKE Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST39LF020-45-4C-NKE Datasheet HTML 1Page - Silicon Storage Technology, Inc SST39LF020-45-4C-NKE Datasheet HTML 2Page - Silicon Storage Technology, Inc SST39LF020-45-4C-NKE Datasheet HTML 3Page - Silicon Storage Technology, Inc SST39LF020-45-4C-NKE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST39LF020-45-4C-NKE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39LF020-45-4C-NKE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39LF020-45-4C-NKE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39LF020-45-4C-NKE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39LF020-45-4C-NKE Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
©2010 Silicon Storage Technology, Inc.
S71150-14-000
01/10
1
The SST logo and SuperFlash are registered trademarks of Silicon Storage Technology, Inc.
MPF is a trademark of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
Data Sheet
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 / SST39LF010 / SST39LF020 / SST39LF040
SST39VF512 / SST39VF010 / SST39VF020 / SST39VF040
FEATURES:
Organized as 64K x8 / 128K x8 / 256K x8 / 512K x8
Single Voltage Read and Write Operations
– 3.0-3.6V for SST39LF512/010/020/040
– 2.7-3.6V for SST39VF512/010/020/040
Superior Reliability
– Endurance: 100,000 Cycles (typical)
– Greater than 100 years Data Retention
Low Power Consumption
(typical values at 14 MHz)
– Active Current: 5 mA (typical)
– Standby Current: 1 µA (typical)
Sector-Erase Capability
– Uniform 4 KByte sectors
Fast Read Access Time:
– 45 ns for SST39LF512/010/020/040
– 55 ns for SST39LF020/040
– 70 ns for SST39VF512/010/020/040
Latched Address and Data
Fast Erase and Byte-Program:
– Sector-Erase Time: 18 ms (typical)
– Chip-Erase Time: 70 ms (typical)
– Byte-Program Time: 14 µs (typical)
– Chip Rewrite Time:
1 second
(typical) for SST39LF/VF512
2 seconds (typical) for SST39LF/VF010
4 seconds (typical) for SST39LF/VF020
8 seconds (typical) for SST39LF/VF040
Automatic Write Timing
– Internal VPP Generation
End-of-Write Detection
– Toggle Bit
– Data# Polling
CMOS I/O Compatibility
JEDEC Standard
– Flash EEPROM Pinouts and command sets
Packages Available
– 32-lead PLCC
– 32-lead TSOP (8mm x 14mm)
– 48-ball TFBGA (6mm x 8mm)
– 34-ball WFBGA (4mm x 6mm) for 1M and 2M
All devices are RoHS compliant
PRODUCT DESCRIPTION
The SST39LF512, SST39LF010, SST39LF020, SST39LF040
and SST39VF512, SST39VF010, SST39VF020, SST39VF040
are 64K x8, 128K x8, 256K x8 and 5124K x8 CMOS Multi-Pur-
pose Flash (MPF) manufactured with SST’s proprietary, high per-
formance CMOS SuperFlash technology. The split-gate cell
design and thick-oxide tunneling injector attain better reliability and
manufacturability compared with alternate approaches. The
SST39LF512/010/020/040 devices write (Program or Erase) with
a 3.0-3.6V power supply. The SST39VF512/010/020/040 devices
write with a 2.7-3.6V power supply. The devices conform to
JEDEC standard pinouts for x8 memories.
Featuring
high
performance
Byte-Program,
the
SST39LF512/010/020/040
and
SST39VF512/010/020/
040 devices provide a maximum Byte-Program time of 20
µsec. These devices use Toggle Bit or Data# Polling to indi-
cate the completion of Program operation. To protect
against inadvertent write, they have on-chip hardware and
Software Data Protection schemes. Designed, manufac-
tured, and tested for a wide spectrum of applications, they
are offered with a guaranteed typical endurance of
100,000 cycles. Data retention is rated at greater than 100
years.
The SST39LF512/010/020/040 and SST39VF512/010/
020/040 devices are suited for applications that require
convenient and economical updating of program, configu-
ration, or data memory. For all system applications, they
significantly improves performance and reliability, while low-
ering power consumption. They inherently use less energy
during Erase and Program than alternative flash technolo-
gies. The total energy consumed is a function of the
applied voltage, current, and time of application. Since for
any given voltage range, the SuperFlash technology uses
less current to program and has a shorter erase time, the
total energy consumed during any Erase or Program oper-
ation is less than alternative flash technologies. These
devices also improve flexibility while lowering the cost for
program, data, and configuration storage applications.
The SuperFlash technology provides fixed Erase and Pro-
gram times, independent of the number of Erase/Program
cycles that have occurred. Therefore the system software
or hardware does not have to be modified or de-rated as is
necessary with alternative flash technologies, whose Erase
and Program times increase with accumulated Erase/Pro-
gram cycles.
To meet surface mount requirements, the SST39LF512/
010/020/040 and SST39VF512/010/020/040 devices are
offered in 32-lead PLCC and 32-lead TSOP packages. The
SST39LF/VF010 and SST39LF/VF020 are also offered in
a 48-ball TFBGA package. See Figures 2, 3, 4, and 5 for
pin assignments.
SST39LF/VF512 / 010 / 020 / 0403.0 & 2.7V 512Kb / 1Mb / 2Mb / 4Mb (x8) MPF memories


Similar Part No. - SST39LF020-45-4C-NKE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39LF020-45-4C-NK SST-SST39LF020-45-4C-NK Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
More results

Similar Description - SST39LF020-45-4C-NKE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512 Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF512 SST-SST39SF512 Datasheet
269Kb / 22P
   512 Kbit / 1 Mbit (x8) Multi-Purpose Flash
SST39SF512 SST-SST39SF512_03 Datasheet
340Kb / 22P
   512 Kbit / 1 Mbit (x8) Multi-Purpose Flash
SST29SF512 SST-SST29SF512 Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST39SF010A SST-SST39SF010A Datasheet
271Kb / 22P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A_04 Datasheet
379Kb / 24P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39LF010 MICROCHIP-SST39LF010 Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39SF010A MICROCHIP-SST39SF010A_16 Datasheet
227Kb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
04/16
SST39SF040A MICROCHIP-SST39SF040A Datasheet
3Mb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2002-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com