Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F3571EJFF Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # R5F3571EJFF
Description  RENESAS MCU
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3571EJFF Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button R5F3571EJFF Datasheet HTML 75Page - Renesas Technology Corp R5F3571EJFF Datasheet HTML 76Page - Renesas Technology Corp R5F3571EJFF Datasheet HTML 77Page - Renesas Technology Corp R5F3571EJFF Datasheet HTML 78Page - Renesas Technology Corp R5F3571EJFF Datasheet HTML 79Page - Renesas Technology Corp R5F3571EJFF Datasheet HTML 80Page - Renesas Technology Corp R5F3571EJFF Datasheet HTML 81Page - Renesas Technology Corp R5F3571EJFF Datasheet HTML 82Page - Renesas Technology Corp R5F3571EJFF Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 159 page
background image
REJ03B0267-0101
Rev.1.01
Page 79 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
4. Special Function Registers (SFRs)
4.2
Notes on SFRs
4.2.1
Register Settings
Table 4.48 lists Registers with Write-Only Bits and registers whose function differs between reading and
writing. Set these registers with immediate values. Do not use read-modify-write instructions. When
establishing the next value by altering the existing value, write the existing value to the RAM as well as
to the register. Transfer the next value to the register after making changes in the RAM.
Read-modify-write instructions can be used when writing to the no register bits.
Table 4.48
Registers with Write-Only Bits
Address
Register
Symbol
0249h
UART0 Bit Rate Register
U0BRG
024Bh to 024Ah
UART0 Transmit Buffer Register
U0TB
0259h
UART1 Bit Rate Register
U1BRG
025Bh to 025Ah
UART1 Transmit Buffer Register
U1TB
0269h
UART2 Bit Rate Register
U2BRG
026Bh to 026Ah
UART2 Transmit Buffer Register
U2TB
0299h
UART4 Bit Rate Register
U4BRG
029Bh to 029Ah
UART4 Transmit Buffer Register
U4TB
02A9h
UART3 Bit Rate Register
U3BRG
02ABh to 02AAh
UART3 Transmit Buffer Register
U3TB
02B6h
I2C0 Control Register 1
S3D0
02B8h
I2C0 Status Register 0
S10
0303h to 0302h
Timer A1-1 Register
TA11
0305h to 0304h
Timer A2-1 Register
TA21
0307h to 0306h
Timer A4-1 Register
TA41
030Ah
Three-Phase Output Buffer Register 0
IDB0
030Bh
Three-Phase Output Buffer Register 1
IDB1
030Ch
Dead Time Timer
DTT
030Dh
Timer B2 Interrupt Generation Frequency Set Counter
ICTB2
0327h to 0326h
Timer A0 Register
TA0
0329h to 0328h
Timer A1 Register
TA1
032Bh to 032Ah
Timer A2 Register
TA2
032Dh to 032Ch
Timer A3 Register
TA3
032Fh to 032Eh
Timer A4 Register
TA4
037Dh
Watchdog Timer Refresh Register
WDTR
037Eh
Watchdog Timer Start Register
WDTS
D4C9h
CAN1 Receive FIFO Pointer Control Register
C1RFPCR
D4CBh
CAN1 Transmit FIFO Pointer Control Register
C1TFPCR
D7C9h
CAN0 Receive FIFO Pointer Control Register
C0RFPCR
D7CBh
CAN0 Transmit FIFO pointer Control Register
C0TFPCR


Similar Part No. - R5F3571EJFF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F35623DFE RENESAS-R5F35623DFE Datasheet
612Kb / 85P
   RENESAS MCU
R5F35623DFE RENESAS-R5F35623DFE Datasheet
673Kb / 88P
   RENESAS MCU
R5F35623DFE RENESAS-R5F35623DFE Datasheet
673Kb / 88P
   RENESAS MCU
R5F35623JFE RENESAS-R5F35623JFE Datasheet
1Mb / 117P
   RENESAS MCU
R5F35623JFE RENESAS-R5F35623JFE Datasheet
767Kb / 116P
   RENESAS MCU
More results

Similar Description - R5F3571EJFF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com