Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F357F6JFF Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # R5F357F6JFF
Description  RENESAS MCU
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F357F6JFF Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button R5F357F6JFF Datasheet HTML 43Page - Renesas Technology Corp R5F357F6JFF Datasheet HTML 44Page - Renesas Technology Corp R5F357F6JFF Datasheet HTML 45Page - Renesas Technology Corp R5F357F6JFF Datasheet HTML 46Page - Renesas Technology Corp R5F357F6JFF Datasheet HTML 47Page - Renesas Technology Corp R5F357F6JFF Datasheet HTML 48Page - Renesas Technology Corp R5F357F6JFF Datasheet HTML 49Page - Renesas Technology Corp R5F357F6JFF Datasheet HTML 50Page - Renesas Technology Corp R5F357F6JFF Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 159 page
background image
REJ03B0267-0101
Rev.1.01
Page 47 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
4. Special Function Registers (SFRs)
Note:
1.
The blank areas are reserved. No access is allowed.
Table 4.16
SFR Information (16) (1)
Address
Register
Symbol
Reset Value
0330h
Timer B0 Register
TB0
XXh
0331h
XXh
0332h
Timer B1 Register
TB1
XXh
0333h
XXh
0334h
Timer B2 Register
TB2
XXh
0335h
XXh
0336h
Timer A0 Mode Register
TA0MR
00h
0337h
Timer A1 Mode Register
TA1MR
00h
0338h
Timer A2 Mode Register
TA2MR
00h
0339h
Timer A3 Mode Register
TA3MR
00h
033Ah
Timer A4 Mode Register
TA4MR
00h
033Bh
Timer B0 Mode Register
TB0MR
00XX 0000b
033Ch
Timer B1 Mode Register
TB1MR
00XX 0000b
033Dh
Timer B2 Mode Register
TB2MR
00XX 0000b
033Eh
Timer B2 Special Mode Register
TB2SC
X000 0000b
033Fh
0340h
Real-Time Clock Second Data Register
RTCSEC
00h
0341h
Real-Time Clock Minute Data Register
RTCMIN
X000 0000b
0342h
Real-Time Clock Hour Data Register
RTCHR
XX00 0000b
0343h
Real-Time Clock Day Data Register
RTCWK
XXXX X000b
0344h
Real-Time Clock Control Register 1
RTCCR1
0000 X00Xb
0345h
Real-Time Clock Control Register 2
RTCCR2
X000 0000b
0346h
Real-Time Clock Count Source Select Register
RTCCSR
XXX0 0000b
0347h
0348h
Real-Time Clock Second Compare Data Register
RTCCSEC
X000 0000b
0349h
Real-Time Clock Minute Compare Data Register
RTCCMIN
X000 0000b
034Ah
Real-Time Clock Hour Compare Data Register
RTCCHR
X000 0000b
034Bh
034Ch
034Dh
034Eh
034Fh
0350h
0351h
0352h
0353h
SS0 Bit Counter Register
SS0BR
1111 1000b
0354h
SS0 Transmit Data Register
SS0TDR
FFh
0355h
FFh
0356h
SS0 Receive Data Register
SS0RDR
FFh
0357h
FFh
0358h
SS0 Control Register H
SS0CRH
00h
0359h
SS0 Control Register L
SS0CRL
0111 1101b
035Ah
SS0 Mode Register
SS0MR
0001 0000b
035Bh
SS0 Enable Register
SS0ER
00h
035Ch
SS0 Status Register
SS0SR
00h
035Dh
SS0 Mode Register 2
SS0MR2
00h
035Eh
035Fh
X: Undefined


Similar Part No. - R5F357F6JFF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F35623DFE RENESAS-R5F35623DFE Datasheet
612Kb / 85P
   RENESAS MCU
R5F35623DFE RENESAS-R5F35623DFE Datasheet
673Kb / 88P
   RENESAS MCU
R5F35623DFE RENESAS-R5F35623DFE Datasheet
673Kb / 88P
   RENESAS MCU
R5F35623JFE RENESAS-R5F35623JFE Datasheet
1Mb / 117P
   RENESAS MCU
R5F35623JFE RENESAS-R5F35623JFE Datasheet
767Kb / 116P
   RENESAS MCU
More results

Similar Description - R5F357F6JFF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com