Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F357F3JFF Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # R5F357F3JFF
Description  RENESAS MCU
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F357F3JFF Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button R5F357F3JFF Datasheet HTML 31Page - Renesas Technology Corp R5F357F3JFF Datasheet HTML 32Page - Renesas Technology Corp R5F357F3JFF Datasheet HTML 33Page - Renesas Technology Corp R5F357F3JFF Datasheet HTML 34Page - Renesas Technology Corp R5F357F3JFF Datasheet HTML 35Page - Renesas Technology Corp R5F357F3JFF Datasheet HTML 36Page - Renesas Technology Corp R5F357F3JFF Datasheet HTML 37Page - Renesas Technology Corp R5F357F3JFF Datasheet HTML 38Page - Renesas Technology Corp R5F357F3JFF Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 159 page
background image
REJ03B0267-0101
Rev.1.01
Page 35 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
4. Special Function Registers (SFRs)
Note:
1.
The blank areas are reserved. No access is allowed.
Table 4.4
SFR Information (4) (1)
Address
Register
Symbol
Reset Value
0060h
0061h
0062h
0063h
0064h
0065h
0066h
0067h
0068h
0069h
DMA2 Interrupt Control Register
DM2IC
XXXX X000b
006Ah
DMA3 Interrupt Control Register
DM3IC
XXXX X000b
006Bh
CAN 1 Receive Completion Interrupt Control Register
C1RIC
XXXX X000b
006Ch
CAN 1 Transmit Completion Interrupt Control Register
C1TIC
XXXX X000b
006Dh
CAN 1 Receive FIFO Interrupt Control Register
C1FRIC
XXXX X000b
006Eh
CAN 1 Transmit FIFO Interrupt Control Register
C1FTIC
XXXX X000b
006Fh
UART4 Transmit Interrupt Control Register
Real-Time Clock Compare Interrupt Control Register
S4TIC
RTCCIC
XXXX X000b
0070h
UART4 Receive Interrupt Control Register
S4RIC
XXXX X000b
0071h
CAN0 Wakeup Interrupt Control Register
C0WIC
XXXX X000b
0072h
UART3 Transmit Interrupt Control Register
CAN0 Error Interrupt Control Register
S3TIC
C0EIC
XXXX X000b
0073h
UART3 Receive Interrupt Control Register
CAN 1 Wakeup Interrupt Control Register
S3RIC
C1WIC
XXXX X000b
0074h
Real-Time Clock Cycle Interrupt Control Register
CAN 1 Error Interrupt Control Register
RTCTIC
C1EIC
XXXX X000b
0075h
CAN0 Receive Completion Interrupt Control Register
C0RIC
XXXX X000b
0076h
CAN0 Transmit Completion Interrupt Control Register
C0TIC
XXXX X000b
0077h
CAN0 Receive FIFO Interrupt Control Register
C0FRIC
XXXX X000b
0078h
CAN0 Transmit FIFO Interrupt Control Register
C0FTIC
XXXX X000b
0079h
IC/OC Interrupt 0 Control Register
ICOC0IC
XXXX X000b
007Ah
IC/OC Channel 0 Interrupt Control Register
ICOCH0IC
XXXX X000b
007Bh
IC/OC Interrupt 1 Control Register
I2C-bus Interface Interrupt Control Register
ICOC1IC
IICIC
XXXX X000b
007Ch
IC/OC Channel 1 Interrupt Control Register
SCL/SDA Interrupt Control Register
ICOCH1IC
SCLDAIC
XXXX X000b
007Dh
IC/OC Channel 2 Interrupt Control Register
ICOCH2IC
XXXX X000b
007Eh
IC/OC Channel 3 Interrupt Control Register
ICOCH3IC
XXXX X000b
007Fh
IC/OC Base Timer Interrupt Control Register
BTIC
XXXX X000b
X: Undefined


Similar Part No. - R5F357F3JFF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F35623DFE RENESAS-R5F35623DFE Datasheet
612Kb / 85P
   RENESAS MCU
R5F35623DFE RENESAS-R5F35623DFE Datasheet
673Kb / 88P
   RENESAS MCU
R5F35623DFE RENESAS-R5F35623DFE Datasheet
673Kb / 88P
   RENESAS MCU
R5F35623JFE RENESAS-R5F35623JFE Datasheet
1Mb / 117P
   RENESAS MCU
R5F35623JFE RENESAS-R5F35623JFE Datasheet
767Kb / 116P
   RENESAS MCU
More results

Similar Description - R5F357F3JFF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com