Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F35ME3JFF Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # R5F35ME3JFF
Description  RENESAS MCU
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F35ME3JFF Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button R5F35ME3JFF Datasheet HTML 94Page - Renesas Technology Corp R5F35ME3JFF Datasheet HTML 95Page - Renesas Technology Corp R5F35ME3JFF Datasheet HTML 96Page - Renesas Technology Corp R5F35ME3JFF Datasheet HTML 97Page - Renesas Technology Corp R5F35ME3JFF Datasheet HTML 98Page - Renesas Technology Corp R5F35ME3JFF Datasheet HTML 99Page - Renesas Technology Corp R5F35ME3JFF Datasheet HTML 100Page - Renesas Technology Corp R5F35ME3JFF Datasheet HTML 101Page - Renesas Technology Corp R5F35ME3JFF Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 159 page
background image
REJ03B0267-0101
Rev.1.01
Page 98 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
5. Electrical Characteristics
J-Version, VCC = 5 V
Timing Requirements
(VCC = 5 V, VSS = 0 V, at Topr = −40°C to 85°C unless otherwise specified)
5.2.2.4
Timer B Input
Figure 5.10
Timer B Input
Table 5.24
Timer B Input (Counter Input in Event Counter Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TB)
TBiIN input cycle time (counted on one edge)
100
ns
tw(TBH)
TBiIN input high pulse width (counted on one edge)
40
ns
tw(TBL)
TBiIN input low pulse width (counted on one edge)
40
ns
tc(TB)
TBiIN input cycle time (counted on both edges)
200
ns
tw(TBH)
TBiIN input high pulse width (counted on both edges)
80
ns
tw(TBL)
TBiIN Input low pulse width (counted on both edges)
80
ns
Table 5.25
Timer B Input (Pulse Period Measurement Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TB)
TBiIN input cycle time
400
ns
tw(TBH)
TBiIN input high pulse width
200
ns
tw(TBL)
TBiIN input low pulse width
200
ns
Table 5.26
Timer B Input (Pulse Width Measurement Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TB)
TBiIN input cycle time
400
ns
tw(TBH)
TBiIN input high pulse width
200
ns
tw(TBL)
TBiIN input low pulse width
200
ns
TBiIN input
tc(TB)
t w(TBH)
t w(TBL)


Similar Part No. - R5F35ME3JFF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F35ME3JFE RENESAS-R5F35ME3JFE Datasheet
1Mb / 159P
   RENESAS MCU
More results

Similar Description - R5F35ME3JFF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com