Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F357F6KFE Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # R5F357F6KFE
Description  RENESAS MCU
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F357F6KFE Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button R5F357F6KFE Datasheet HTML 88Page - Renesas Technology Corp R5F357F6KFE Datasheet HTML 89Page - Renesas Technology Corp R5F357F6KFE Datasheet HTML 90Page - Renesas Technology Corp R5F357F6KFE Datasheet HTML 91Page - Renesas Technology Corp R5F357F6KFE Datasheet HTML 92Page - Renesas Technology Corp R5F357F6KFE Datasheet HTML 93Page - Renesas Technology Corp R5F357F6KFE Datasheet HTML 94Page - Renesas Technology Corp R5F357F6KFE Datasheet HTML 95Page - Renesas Technology Corp R5F357F6KFE Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 159 page
background image
REJ03B0267-0101
Rev.1.01
Page 92 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
5. Electrical Characteristics
J-Version
Figure 5.5
Power Supply Circuit Timing Diagram
5.1.8
Oscillation Circuit Electrical Characteristics
Table 5.14
On-chip Oscillator Oscillation Circuit Electrical Characteristics
VCC = 3.0 to 5.5 V, Topr = −40°C to 85°C, unless otherwise specified
Symbol
Characteristic
Value
Unit
Min.
Typ.
Max.
fOCO-S
125 kHz on-chip oscillator oscillation frequency
100
125
150
kHz
fOCO40M
40 MHz on-chip oscillator oscillation frequency
32
40
48
MHz
CPU clock
Time to stabilize internal supply
voltage during powering-on
(a) Interrupt to exit from stop mode
(b) Interrupt to exit from wait mode
CPU clock
(a)
(b)
Stop
Operate
Recommended
operating
voltage
Voltage detection circuit
td(P-R)
STOP release time
td(R-S)
t d(W-S)
Low power consumption
mode wait mode exit time
Voltage detection circuit
operation start time
td(E-A)
td(P-R)
td(R-S)
td(W-S)
td(E-A)
VCC
VC25, VC27


Similar Part No. - R5F357F6KFE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F35623DFE RENESAS-R5F35623DFE Datasheet
612Kb / 85P
   RENESAS MCU
R5F35623DFE RENESAS-R5F35623DFE Datasheet
673Kb / 88P
   RENESAS MCU
R5F35623DFE RENESAS-R5F35623DFE Datasheet
673Kb / 88P
   RENESAS MCU
R5F35623JFE RENESAS-R5F35623JFE Datasheet
1Mb / 117P
   RENESAS MCU
R5F35623JFE RENESAS-R5F35623JFE Datasheet
767Kb / 116P
   RENESAS MCU
More results

Similar Description - R5F357F6KFE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com