Electronic Components Datasheet Search |
|
R5F35786KFE Datasheet(PDF) 25 Page - Renesas Technology Corp |
|
R5F35786KFE Datasheet(HTML) 25 Page - Renesas Technology Corp |
25 / 159 page REJ03B0267-0101 Rev.1.01 Page 25 of 156 Jul 23, 2010 M16C/5M Group, M16C/57 Group 1. Overview Note: 1. There is the CAN module only in the M16C/5M Group. Table 1.18 Pin Functions (64-Pin, 80-Pin, and 100-Pin Packages) Signal Name Pin Name I/O Description Reference voltage input VREF I Reference voltage input for the A/D converter and D/A converter. A/D converter AN_0 to AN_7 AN0_0 to AN0_3 AN3_0 to AN3_2 I Analog input ADTRG I Input for an external trigger Timer S INPC1_0 to INPC1_7 I Input for time measurement function OUTC1_0 to OUTC1_7 O Output for waveform generating function TSUDA, TSUDB I Two-phase pulse input CAN Module (1) CRX0, CRX1 I Receive data input for CAN communication CTX0, CTX1 O Transmit data output for CAN communication D/A converter DA0 O Output for the D/A converter LIN module LIN0OUT O Transmit data output for LIN communication LIN0IN I Receive data input for LIN communication Serial bus interface SSO0 O Serial data output SSI0 I Serial data input SSCK0 I/O Input/output for transmit/receive clock SCS0 I Input to control the serial interface I/O port P0_0 to P0_3 P1_5 to P1_7 P2_0 to P2_7 P3_0 to P3_3 P6_0 to P6_7 P7_0 to P7_7 P8_0 to P8_7 P9_0 to P9_3 P10_0 to P10_7 I/O CMOS I/O ports. A direction register determines whether each pin is used as an input port or an output port. For input ports, pull-up resistor is selectable for every unit of 4 bits. However, P8_5 output is N-channel open drain output and does not have a pull-up resistor. Port P8_5 shares the pin with NMI, so that the NMI input level can be read from the P8 register P8_5 bit. |
Similar Part No. - R5F35786KFE |
|
Similar Description - R5F35786KFE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |