Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F35733KFE Datasheet(PDF) 94 Page - Renesas Technology Corp

Part # R5F35733KFE
Description  RENESAS MCU
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F35733KFE Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button R5F35733KFE Datasheet HTML 90Page - Renesas Technology Corp R5F35733KFE Datasheet HTML 91Page - Renesas Technology Corp R5F35733KFE Datasheet HTML 92Page - Renesas Technology Corp R5F35733KFE Datasheet HTML 93Page - Renesas Technology Corp R5F35733KFE Datasheet HTML 94Page - Renesas Technology Corp R5F35733KFE Datasheet HTML 95Page - Renesas Technology Corp R5F35733KFE Datasheet HTML 96Page - Renesas Technology Corp R5F35733KFE Datasheet HTML 97Page - Renesas Technology Corp R5F35733KFE Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 159 page
background image
REJ03B0267-0101
Rev.1.01
Page 94 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
5. Electrical Characteristics
J-Version, VCC = 5 V
Note:
1.
This indicates the memory in which the program to be executed exists.
Table 5.16
Electrical Characteristics (2)
Topr = −40°C to 85°C unless otherwise specified.
Symbol
Parameter
Measuring Condition
Standard
Unit
Min.
Typ.
Max.
ICC
Power Supply
Current
(VCC = 4.2V to 5.5
V)
In single-chip
mode, the output
pins are open and
other pins are
VSS
High speed mode
f(BCLK) = 32 MHz,
XIN = 8 MHz (square wave), PLL multiply-by-8
125 kHz on-chip oscillator operates
25
45
mA
f(BCLK) = 20 MHz,
XIN = 20 MHz (square wave),
125 kHz on-chip oscillator operates
21
39
mA
f(BCLK) = 16 MHz,
XIN = 16 MHz (square wave),
125 kHz on-chip oscillator operates
17
mA
40 MHz on-chip oscillator
mode
Main clock stops
40 MHz on-chip oscillator operates
125 kHz on-chip oscillator operates
No division
21
39
mA
Main clock stops
40 MHz on-chip oscillator operates
125 kHz on-chip oscillator operates
Divide-by-8
6mA
125 kHz on-chip oscillator
mode
Main clock stops
40 MHz on-chip oscillator stops
125 kHz on-chip oscillator operates
Divide-by-8
FMR22 = FMR23 = 1 (Low-current
consumption read mode)
190
580
μA
Low power mode
f(BCLK) = 32 kHz
On Flash memory (2)
FMR22 = FMR23 = 1 (Low-current
consumption read mode)
200
μA
Wait mode
Main clock stops
40 MHz on-chip oscillator stops
125 kHz on-chip oscillator operates
Peripheral clock operates
Topr = 25°C
25
μA
Main clock stops
40 MHz on-chip oscillator stops
125 kHz on-chip oscillator operates
Peripheral clock operates
Topr = 85°C
55
μA
Stop mode
Topr = 25°C
315
μA
Topr = 85°C
30
μA
During flash memory
program
f(BCLK) = 10 MHz, PM17 = 1 (one wait)
VCC = 5.0 V
20.0
mA
During flash memory
erase
f(BCLK) = 10 MHz, PM17 = 1 (one wait)
VCC = 5.0 V
30.0
mA
Idet2
Low Voltage Detection Dissipation Current
3
μA
Idet0
Reset Area Detection Dissipation Current
6
μA


Similar Part No. - R5F35733KFE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F35623DFE RENESAS-R5F35623DFE Datasheet
612Kb / 85P
   RENESAS MCU
R5F35623DFE RENESAS-R5F35623DFE Datasheet
673Kb / 88P
   RENESAS MCU
R5F35623DFE RENESAS-R5F35623DFE Datasheet
673Kb / 88P
   RENESAS MCU
R5F35623JFE RENESAS-R5F35623JFE Datasheet
1Mb / 117P
   RENESAS MCU
R5F35623JFE RENESAS-R5F35623JFE Datasheet
767Kb / 116P
   RENESAS MCU
More results

Similar Description - R5F35733KFE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com