Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F357EEJFE Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # R5F357EEJFE
Description  RENESAS MCU
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F357EEJFE Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button R5F357EEJFE Datasheet HTML 34Page - Renesas Technology Corp R5F357EEJFE Datasheet HTML 35Page - Renesas Technology Corp R5F357EEJFE Datasheet HTML 36Page - Renesas Technology Corp R5F357EEJFE Datasheet HTML 37Page - Renesas Technology Corp R5F357EEJFE Datasheet HTML 38Page - Renesas Technology Corp R5F357EEJFE Datasheet HTML 39Page - Renesas Technology Corp R5F357EEJFE Datasheet HTML 40Page - Renesas Technology Corp R5F357EEJFE Datasheet HTML 41Page - Renesas Technology Corp R5F357EEJFE Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 159 page
background image
REJ03B0267-0101
Rev.1.01
Page 38 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
4. Special Function Registers (SFRs)
Note:
1.
The blank areas are reserved. No access is allowed.
Table 4.7
SFR Information (7) (1)
Address
Register
Symbol
Reset Value
0180h
DMA0 Source Pointer
SAR0
XXh
0181h
XXh
0182h
0Xh
0183h
0184h
DMA0 Destination Pointer
DAR0
XXh
0185h
XXh
0186h
0Xh
0187h
0188h
DMA0 Transfer Counter
TCR0
XXh
0189h
XXh
018Ah
018Bh
018Ch
DMA0 Control Register
DM0CON
0000 0X00b
018Dh
018Eh
018Fh
0190h
DMA1 Source Pointer
SAR1
XXh
0191h
XXh
0192h
0Xh
0193h
0194h
DMA1 Destination Pointer
DAR1
XXh
0195h
XXh
0196h
0Xh
0197h
0198h
DMA1 Transfer Counter
TCR1
XXh
0199h
XXh
019Ah
019Bh
019Ch
DMA1 Control Register
DM1CON
0000 0X00b
019Dh
019Eh
019Fh
01A0h
DMA2 Source Pointer
SAR2
XXh
01A1h
XXh
01A2h
0Xh
01A3h
01A4h
DMA2 Destination Pointer
DAR2
XXh
01A5h
XXh
01A6h
0Xh
01A7h
01A8h
DMA2 Transfer Counter
TCR2
XXh
01A9h
XXh
01AAh
01ABh
01ACh
DMA2 Control Register
DM2CON
0000 0X00b
01ADh
01AEh
01AFh
X: Undefined


Similar Part No. - R5F357EEJFE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F35623DFE RENESAS-R5F35623DFE Datasheet
612Kb / 85P
   RENESAS MCU
R5F35623DFE RENESAS-R5F35623DFE Datasheet
673Kb / 88P
   RENESAS MCU
R5F35623DFE RENESAS-R5F35623DFE Datasheet
673Kb / 88P
   RENESAS MCU
R5F35623JFE RENESAS-R5F35623JFE Datasheet
1Mb / 117P
   RENESAS MCU
R5F35623JFE RENESAS-R5F35623JFE Datasheet
767Kb / 116P
   RENESAS MCU
More results

Similar Description - R5F357EEJFE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com