Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F35MCEJFE Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # R5F35MCEJFE
Description  RENESAS MCU
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F35MCEJFE Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button R5F35MCEJFE Datasheet HTML 89Page - Renesas Technology Corp R5F35MCEJFE Datasheet HTML 90Page - Renesas Technology Corp R5F35MCEJFE Datasheet HTML 91Page - Renesas Technology Corp R5F35MCEJFE Datasheet HTML 92Page - Renesas Technology Corp R5F35MCEJFE Datasheet HTML 93Page - Renesas Technology Corp R5F35MCEJFE Datasheet HTML 94Page - Renesas Technology Corp R5F35MCEJFE Datasheet HTML 95Page - Renesas Technology Corp R5F35MCEJFE Datasheet HTML 96Page - Renesas Technology Corp R5F35MCEJFE Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 159 page
background image
REJ03B0267-0101
Rev.1.01
Page 93 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
5. Electrical Characteristics
5.2
Electrical Characteristics (J-Version, VCC = 5 V)
5.2.1
Electrical Characteristics
J-Version, VCC = 5 V
Table 5.15
Electrical Characteristics (1)
VCC = 4.2 to 5.5 V, VSS = 0 V at Topr = -40°C to 85°C, f(BCLK) = 32 MHz unless otherwise specified.
Symbol
Parameter
Measuring Condition
Standard
Unit
Min.
Typ.
Max.
VOH
HIGH Output Voltage
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_4,
P8_6 to P8_7, P9_0 to P9_7, P10_0 to P10_7
IOH=−5 mA
VCC−2.0
VCC
V
VOH
HIGH Output Voltage
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_4,
P8_6 to P8_7,P9_0 to P9_7, P10_0 to P10_7
IOH = −200 μAVCC−−0.3
VCC
V
VOH
HIGH Output Voltage
XOUT
HIGH POWER
IOH = −1 mA
VCC−−2.0
VCC
V
LOW POWER
IOH = −0.5 mA
VCC−−2.0
VCC
HIGH Output Voltage
XCOUT
HIGH POWER
With no load applied
2.5
V
LOW POWER
With no load applied
1.6
VOL
LOW Output Voltage
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_7,
P9_0 to P9_7, P10_0 to P10_7
IOL = 5 mA
2.0
V
VOL
LOW Output Voltage
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_7,
P9_0 to P9_7, P10_0 to P10_7
IOL = 200 μA
0.45
V
VOL
LOW Output Voltage
XOUT
HIGH POWER
IOL = 1 mA
2.0
V
LOW POWER
IOL = 0.5 mA
2.0
LOW Output Voltage
XCOUT
HIGH POWER
With no load applied
0
V
LOW POWER
With no load applied
0
VT+-VT-
Hysteresis
TA0IN to TA4IN, TB0IN to TB5IN,
INT0 to INT7,
NMI, ADTRG, CTS0 to CTS3, SCL2, SDA2,
CLK0 to CLK4, TA0OUT to TA4OUT,
KI0 to KI3, RXD0 to RXD4, ZP, IDU, IDW, IDV,
SD, INPC1_0 to INPC1_7, SSI0, SSCK0
, SCS0,
LIN0IN, CRX0, CRX1
0.2
0.4VCC
V
VT+-VT-
Hysteresis
RESET
0.2
2.5
V
VT+-VT-
Hysteresis
XIN
0.2
0.8
V
IIH
HIGH Input Current
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_7,
P9_0 to P9_7, P10_0 to P10_7
XIN,
RESET, CNVSS
VI = 5 V
5.0
μA
IIL
LOW Input Current
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_7,
P9_0 to P9_7, P10_0 to P10_7
XIN,
RESET, CNVSS
VI = 0 V
−5.0
μA
RPULLUP
Pull-Up
Resistance
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_4,
P8_6 to P8_7, P9_0 to P9_7, P10_0 to P10_7
VI = 0 V
30
50
170
k
Ω
RfXIN
Feedback Resistance XIN
1.5
M
Ω
RfXCIN
Feedback Resistance XCIN
15
M
Ω
VRAM
RAM Retention Voltage
At stop mode
2.0
V


Similar Part No. - R5F35MCEJFE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F35MCEJFF RENESAS-R5F35MCEJFF Datasheet
1Mb / 159P
   RENESAS MCU
More results

Similar Description - R5F35MCEJFE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com