Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F357AEJFE Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # R5F357AEJFE
Description  RENESAS MCU
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F357AEJFE Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button R5F357AEJFE Datasheet HTML 61Page - Renesas Technology Corp R5F357AEJFE Datasheet HTML 62Page - Renesas Technology Corp R5F357AEJFE Datasheet HTML 63Page - Renesas Technology Corp R5F357AEJFE Datasheet HTML 64Page - Renesas Technology Corp R5F357AEJFE Datasheet HTML 65Page - Renesas Technology Corp R5F357AEJFE Datasheet HTML 66Page - Renesas Technology Corp R5F357AEJFE Datasheet HTML 67Page - Renesas Technology Corp R5F357AEJFE Datasheet HTML 68Page - Renesas Technology Corp R5F357AEJFE Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 159 page
background image
REJ03B0267-0101
Rev.1.01
Page 65 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
4. Special Function Registers (SFRs)
Note:
1.
The blank areas are reserved. No access is allowed.
Table 4.34
SFR Information (34) (1)
Address
Register
Symbol
Reset Value
D4C0h
CAN1 Control Register
C1CTLR
0000 0101b
D4C1h
00h
D4C2h
CAN1 Status Register
C1STR
0000 0101b
D4C3h
00h
D4C4h
CAN1 Bit Configuration Register
C1BCR
00h
D4C5h
00h
D4C6h
00h
D4C7h
CAN1 Clock Select Register
C1CLKR
00h
D4C8h
CAN1 Receive FIFO Control Register
C1RFCR
10000000b
D4C9h
CAN1 Receive FIFO Pointer Control Register
C1RFPCR
XXh
D4CAh
CAN1 Transmit FIFO Control Register
C1TFCR
1000 0000b
D4CBh
CAN1 Transmit FIFO Pointer Control Register
C1TFPCR
XXh
D4CCh
CAN1 Error Interrupt Enable Register
C1EIER
00h
D4CDh
CAN1 Error Interrupt Source Judge Register
C1EIFR
00h
D4CEh
CAN1 Receive Error Count Register
C1RECR
00h
D4CFh
CAN1 Transmit Error Count Register
C1TECR
00h
D4D0h
CAN1 Error Code Store Register
C1ECSR
00h
D4D1h
CAN1 Channel Search Support Register
C1CSSR
XXh
D4D2h
CAN1 Mailbox Search Status Register
C1MSSR
1000 0000b
D4D3h
CAN1 Mailbox Search Mode Register
C1MSMR
XXXX XX00b
D4D4h
CAN1 Time Stamp Register
C1TSR
00h
D4D5h
00h
D4D6h
CAN1 Acceptance Filter Support Register
C1AFSR
XXh
D4D7h
XXh
D4D8h
CAN1 Test Control Register
C1TCR
00h
D4D9h
D4DAh
D4DBh
D4DCh
D4DDh
D4DEh
D4DFh
D4E0h to
D4FFh
X: Undefined


Similar Part No. - R5F357AEJFE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F35623DFE RENESAS-R5F35623DFE Datasheet
612Kb / 85P
   RENESAS MCU
R5F35623DFE RENESAS-R5F35623DFE Datasheet
673Kb / 88P
   RENESAS MCU
R5F35623DFE RENESAS-R5F35623DFE Datasheet
673Kb / 88P
   RENESAS MCU
R5F35623JFE RENESAS-R5F35623JFE Datasheet
1Mb / 117P
   RENESAS MCU
R5F35623JFE RENESAS-R5F35623JFE Datasheet
767Kb / 116P
   RENESAS MCU
More results

Similar Description - R5F357AEJFE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com