Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBP4005G Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # GBP4005G
Description  VOLTAGE 50 ~ 1000 V, 4.0AMP Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

GBP4005G Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  GBP4005G Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH GBP4005G Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
GBP4005G~GBP410G
VOLTAGE 50 ~ 1000 V, 4.0AMP
Glass Passivated Bridge Rectifiers
24-Feb-2010 Rev. D
Page 1 of 2
A
C
L
E
F
J
G
H
D
B
K
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Surge overload rating – 125 amperes peak
Ideal for printed circuit board
Plastic material has underwriters laboratory
flammability classification 94V-0
Mounting position: Any
MAXIMUM RATINGS
(TA=25°C unless otherwise specified. Single phase, Hal f wave, 60Hz, resistive or inductive load. For capacitive load,
derate current by 20%)
PART NUMBERS
PARAMETER
SYMBOL
GBP
4005G
GBP
401G
GBP
402G
GBP
404G
GBP
406G
GBP
408G
GBP
410G
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Output
Current at TA=50°C
1
I(AV)
4.0
A
Peak Forward Surge Current, 8.3ms Single Half
Sine-Wave Superimposed on Rated Load
IFSM
110
A
Maximum Forward Voltage Drop Per Bridge
Element at 4.0A Peak
VF
1.1
V
TJ=25°C
5
µA
Maximum Reverse Current at
Rated DC Blocking Voltage
TJ=100°C
IR
500
µA
I
2t Rating for Fusing (t<8.3ms)
I
2t
50
A
2S
Typical Junction Capacitance per Element
2
CJ
40
pF
Typical Thermal Resistance
3
R
θJC
7.5
°C/W
Operating & Storage Temperature Range
TJ,TSTG
-55~150, -55~150
°C
Note:
1. Mounting condition, 0.5” lead length maximum
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
3. Unit mounted on 75mm x 75mm x 1.6mm copper plate heatsink.
GBP
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
14.25
14.75
G
1.17
1.42
B
10.20
10.60
H
2.80 x 45°
C
3.40
3.60
J
0.70
0.86
D
14.50
15.50
K
2.30
2.70
E
0.30
0.60
L
0.70
1.10
F
3.56
4.06


Similar Part No. - GBP4005G

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
GBP4005 CHONGQING-GBP4005 Datasheet
201Kb / 2P
   SINGLE PHASE4.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Jiangsu High diode Semi...
GBP4005 HDSEMI-GBP4005 Datasheet
1Mb / 3P
   GBP Plastic-Encapsulate Bridge Rectifier
logo
SeCoS Halbleitertechnol...
GBP4005 SECOS-GBP4005 Datasheet
347Kb / 2P
   4A, 50V ~ 1000V Glass Passivated Bridge Rectifiers
logo
Zibo Seno Electronic En...
GBP4005 ZSELEC-GBP4005 Datasheet
58Kb / 2P
   4.0A BRIDGE RECTIFIER
logo
Yangzhou yangjie electr...
GBP4005 YANGJIE-GBP4005 Datasheet
166Kb / 4P
   Bridge Rectifiers
More results

Similar Description - GBP4005G

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
GBU4005 SECOS-GBU4005_18 Datasheet
376Kb / 2P
   4.0Amp Glass Passivated Bridge Rectifiers
KBL005G SECOS-KBL005G Datasheet
145Kb / 2P
   Voltage 50V ~ 1000V, 4.0Amp Glass Passivated Bridge Rectifiers
GBU4005 SECOS-GBU4005 Datasheet
248Kb / 2P
   Voltage 50V ~ 1000V 4.0Amp Glass Passivated Bridge Rectifiers
D4UB05 SECOS-D4UB05 Datasheet
188Kb / 2P
   Voltage 50V ~ 1000V 4.0Amp Glass Passivated Bridge Rectifiers
KBJ4005 SECOS-KBJ4005 Datasheet
201Kb / 2P
   Voltage 50V ~ 1000V 4.0Amp Glass Passivated Bridge Rectifiers
GBL2005 SECOS-GBL2005 Datasheet
230Kb / 2P
   Voltage 50 V ~ 1000 V 2.0 Amp Glass Passivated Bridge Rectifiers
logo
Shenzhen Luguang Electr...
KBL401G LUGUANG-KBL401G Datasheet
222Kb / 2P
   Single Phase 4.0AMP. Glass Passivated Bridge Rectifiers
logo
First Components Intern...
GBL400G FCI-GBL400G Datasheet
235Kb / 2P
   4.0Amp GLASS PASSIVATED BRIGGE Rectifiers GLASS PASSIVATED
logo
SeCoS Halbleitertechnol...
S4GBU20 SECOS-S4GBU20_15 Datasheet
232Kb / 2P
   4.0Amp Glass Passivited Bridge Rectifiers
S4GBU20-C SECOS-S4GBU20-C Datasheet
232Kb / 2P
   4.0Amp Glass Passivited Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com