Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX8660I06AULTRT Datasheet(PDF) 10 Page - Semtech Corporation

Part # SX8660I06AULTRT
Description  Ultra Low Power, Capacitive Button Touch Controller (8 sensors) with Enhanced LED Drivers and Analog Output
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8660I06AULTRT Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SX8660I06AULTRT Datasheet HTML 6Page - Semtech Corporation SX8660I06AULTRT Datasheet HTML 7Page - Semtech Corporation SX8660I06AULTRT Datasheet HTML 8Page - Semtech Corporation SX8660I06AULTRT Datasheet HTML 9Page - Semtech Corporation SX8660I06AULTRT Datasheet HTML 10Page - Semtech Corporation SX8660I06AULTRT Datasheet HTML 11Page - Semtech Corporation SX8660I06AULTRT Datasheet HTML 12Page - Semtech Corporation SX8660I06AULTRT Datasheet HTML 13Page - Semtech Corporation SX8660I06AULTRT Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 75 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v2.3, June 2010
© 2010 Semtech Corp.
www.semtech.com
10
SX8660
Ultra Low Power, Capacitive Button Touch Controller
(8 sensors) with Enhanced LED Drivers and Analog Output
3
FUNCTIONAL DESCRIPTION
3.1
Quickstart Application
The SX8660 is preconfigured (Quickstart Application) for an application with eight buttons, one Analog Output
Interface, one Buzzer output and five LED drivers using various modes of PWM fading. The different fading
modes are discussed in later chapters. Table 7 summarises the default configuration of the eight GPIOs available
on the SX8660 Quickstart application.
GPIO
Function
Fading Mode
Comments
0
LED
Single Fading Mode
Autolight, mapped on Btn0
1
LED
Single Fading Mode
Autolight, mapped on Btn1
2
LED
Continuous Fading Mode
Autolight, mapped on Btn2
3
LED
Continuous Fading Mode
Autolight, mapped on Btn3
4
LED
Repeat Fading Mode
Autolight, mapped on Btn4
5
BUZZER
Not applicable
Buzzer output, 30ms buzzing period, 4KHz for approx. 15ms, 8KHz for
approx. 15ms.
6
LED
Repeat Fading Mode
Autolight, mapped on Btn6
7
AOI-A
Not applicable
Analog Output Interface A (VDD=3.3V)
Btn0: 0.3V
Btn1: 0.6V
Btn2: 0.9V
Btn3: 1.2V
Btn4: 1.5V
Btn5: 1.8V
Btn6: 2.1V
Btn7: 2.4V
Table 7 Quickstart Application GPIO configuration
Implementing a schematic based on Figure 6 will be immediately operational after powering without programming
the SX8660 (even without host).
The default sensitivity is set to 0x03 for all sensors (assumed sensor area approximately 1 cm
2 covered by 2mm
thick acrylic overlay material).
Figure 6
Quickstart Application


Similar Part No. - SX8660I06AULTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8661 SEMTECH-SX8661 Datasheet
1Mb / 88P
   Low Power, Capacitive Button Touch and Proximity Controller
SX8661I07AULTRT SEMTECH-SX8661I07AULTRT Datasheet
1Mb / 88P
   Low Power, Capacitive Button Touch and Proximity Controller
SX8661I07ZULTRT SEMTECH-SX8661I07ZULTRT Datasheet
1Mb / 87P
   Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
SX8661Z SEMTECH-SX8661Z Datasheet
1Mb / 87P
   Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
SX8662 SEMTECH-SX8662 Datasheet
1Mb / 60P
   Capacitive Button Matrix (up to 36) Controller with Individual LED Drivers and Buzzer Output
More results

Similar Description - SX8660I06AULTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8646 SEMTECH-SX8646 Datasheet
605Kb / 67P
   Ultra Low Power, Capacitive Button Touch Controller (8 sensors) with Enhanced LED Drivers
SX8648 SEMTECH-SX8648 Datasheet
672Kb / 76P
   Ultra Low Power, Capacitive Button and Slider Touch Controller (8 sensors) with Enhanced LED Drivers
SX8649 SEMTECH-SX8649 Datasheet
716Kb / 77P
   Ultra Low Power, Capacitive Button and Wheel Touch Controller (8 sensors) with Enhanced LED Drivers
SX8643 SEMTECH-SX8643 Datasheet
612Kb / 68P
   Ultra Low Power, Capacitive Button Touch Controller (12 sensors) with Enhanced LED Drivers
SX8644 SEMTECH-SX8644 Datasheet
690Kb / 76P
   Ultra Low Power, Capacitive Button and Slider Touch Controller (12 sensors) with Enhanced LED Drivers
SX8645 SEMTECH-SX8645 Datasheet
720Kb / 76P
   Ultra Low Power, Capacitive Button and Wheel Touch Controller (12 sensors) with Enhanced LED Drivers
SX8644 SEMTECH-SX8644_11 Datasheet
748Kb / 78P
   Ultra Low Power, Capacitive Button and Slider Touch Controller (12 sensors) with Enhanced LED Drivers
SX8647 SEMTECH-SX8647 Datasheet
668Kb / 72P
   Ultra Low Power, Capacitive Wheel Touch Controller (8 sensors) with Enhanced LED Drivers
SX8636 SEMTECH-SX8636 Datasheet
917Kb / 71P
   Low Power, Capacitive Button Touch Controller (8 sensors) with Enhanced LED
SX8638 SEMTECH-SX8638 Datasheet
1Mb / 81P
   Low Power, Capacitive Button and Slider Touch Controller (8 sensors) with Enhanced LED Drivers and Proximity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com