Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SX1512BIULTRT Datasheet(PDF) 16 Page - Semtech Corporation

Part No. SX1512BIULTRT
Description  World’s Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
Download  43 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMTECH [Semtech Corporation]
Homepage  http://www.semtech.com
Logo 

SX1512BIULTRT Datasheet(HTML) 16 Page - Semtech Corporation

Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 3 – 9
th Sept. 2010
16
www.semtech.com
SX1510B/SX1511B/SX1512B
World’s Lowest Voltage Level Shifting GPIO
with LED Driver and Keypad Engine
4.6
I/O Banks
4.6.1
Input Debouncer
Each input can be individually debounced by setting corresponding bits in RegDebounce register. At power up
the debounce function is disabled. After enabling the debouncer, the change of the input value is accepted only if
the input value is identical at two consecutive sampling times.
The debounce time common to all IOs can be set in RegDebounceConfig register from 0.5 to 64ms.(fOSC =
2MHz)
4.6.2
Keypad Scanning Engine
SX1511B, and SX1512B integrate a fully programmable keypad scanning engine to implement keypad
applications up to 8x8 matrix (i.e. 64 keys).
Please note that SX1512B also implements an Auto Sleep/Wakeup feature to save power consumption when no
key has been pressed for a programmed time.
IO3
IO2
IO1
IO0
IO4
IO5
IO6
IO7
SX1511B
- IO[3-0] as outputs (scanning)
- IO[7-4] as inputs
X
Y
RegKeyData =
X
Y
Figure 11 – 4x4 Keypad Connection to SX1511B
Following procedure should be implemented on the host controller for a 4x4 keypad:
1. Set RegDir to 0xF0 (IO[3-0] as outputs, IO[7-4] as inputs) , set RegOpenDrain to 0x0F (IO[3-0] as open-drain
outputs), set RegPullup to 0xF0 (pull-ups enabled on inputs IO[7-4]).
2. Enable and configure debouncing on IO[7-4] (RegDebounceEnable = 0xF0, Ex : RegDebounceConfig = 0x05)
3. Enable and configure keypad scanning engine (Ex : RegKeyConfig = 0x7D) This will start an infinite loop with
the following sequence to IO[3:0]: ZZZ0, ZZ0Z, Z0ZZ, 0ZZZ. Make sure that scan interval is set to higher value
than the debounce time.
4. When a key is pressed, NINT goes low, key scan is halted and the key coordinates are stored in RegKeyData:
The column data will be stored in RegKeyData[7:4] (Note: column indication is active low)
The row data will be stored in RegKeyData[3:0] (Note: row indication is active low)
When RegKeyData is read, this data along with the interrupt is automatically cleared (same behavior
as reading RegData) and the key scan continues to the next row.
5. Restart from point 4.
This implementation allows the host to handle both single and multi-touches easily (fast AAAAAA sequence is a
long press of key A, fast ABABABAB sequence is key A and key B pressed together, etc)
4.6.3
Level Shifter
Because of their 5.5V tolerant I/O banks with independent supply voltages between 1.2V and 3.6V, the SX1511B
and SX1512B can perform level shifting of signals from one I/O bank to another without uC activity by
programming the corresponding configuration register bits accordingly in RegLevelShifter (and RegDir).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn