Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SX1512BIULTRT Datasheet(PDF) 10 Page - Semtech Corporation

Part No. SX1512BIULTRT
Description  World’s Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
Download  43 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMTECH [Semtech Corporation]
Homepage  http://www.semtech.com
Logo 

SX1512BIULTRT Datasheet(HTML) 10 Page - Semtech Corporation

Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 3 – 9
th Sept. 2010
10
www.semtech.com
SX1510B/SX1511B/SX1512B
World’s Lowest Voltage Level Shifting GPIO
with LED Driver and Keypad Engine
Symbol
Description
Conditions
Min
Typ
Max
Unit
VOL
Low level output voltage
-
-0.4
-
0.3
V
VDDM >= 2V
-
-
8
IOHM
High level output source current
VDDM < 2V
-
-
2
mA
VDDM >= 2V
-
-
8
IOLM
Low level output sink current
VDDM < 2V
-
-
4
mA
fSCK
SCK max clock frequency
-
-
20
(4)
-
MHz
tSCK,LOW
SCK low time (% of SCK cycle)
-
45
-
55
%
tSCK,HIGH
SCK high time (% of SCK cycle)
-
45
-
55
%
tSI,SETUP
SI setup time
-
9
-
-
ns
tSI,HOLD
SI hold time
-
9
-
-
ns
tSO,VALID
SO valid time (% of SCK cycle)
After SCK falling edge
-
-
33
(4)
%
tNSS,SCK
NSS low to SCK rising edge
-
25
-
-
ns
tSCK,NSS
SCK falling edge to NSS high
-
25
-
-
ns
tNSS,HIGH
NSS rising to falling edge
-
25
-
-
ns
Miscellaneous
RPULL
Programmable pull-up/down
resistors for IO[0-7]
-
-
42
-
k
Internal (SX1510B)
1.1
2
3
Internal (SX1511/12B)
1.3
2
2.6
fOSC
Oscillator frequency
External from OSCIN
(40-60% duty cycle)
-
-
2.6
MHz
(1) Assuming no load connected to outputs and inputs fixed to VCC1,2 or GND.
(2) Can be increased by tying together and driving simultaneously several I/Os.
(3) SX1511/12B with RegHighInput bit enabled (VCCx min =1.65V), else 3.6V (VCCx min = 1.2V)
(4) fSCK is calculated assuming a tSO,VALID of maximum 1/3 of SCK cycle. This gives 1/6 of SCK cycle as setup time to the host controller.
For systems where the setup time can be relaxed, tSO,VALID is also shown in §3 to allow the user to calculate the maximum SPI frequency
for individual systems.
Table 6 – Electrical Specifications


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn