Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SX1512BIULTRT Datasheet(PDF) 8 Page - Semtech Corporation

Part No. SX1512BIULTRT
Description  World’s Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
Download  43 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMTECH [Semtech Corporation]
Homepage  http://www.semtech.com
Logo 

SX1512BIULTRT Datasheet(HTML) 8 Page - Semtech Corporation

Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 3 – 9
th Sept. 2010
8
www.semtech.com
SX1510B/SX1511B/SX1512B
World’s Lowest Voltage Level Shifting GPIO
with LED Driver and Keypad Engine
2
ELECTRICAL CHARACTERISTICS
2.1
Absolute Maximum Ratings
Stress above the limits listed in the following table may cause permanent failure. Exposure to absolute ratings for
extended time periods may affect device reliability. The limiting values are in accordance with the Absolute
Maximum Rating System (IEC 134). All voltages are referenced to ground (GND).
Symbol
Description
Min
Max
Unit
Main supply voltage (SX1510B)
- 0.4
6
V
Vmax_VDDM
Main supply voltage (SX1511/12B)
- 0.4
3.7
V
Digital I/O pin supply voltage (SX1510B)
- 0.4
6
V
Vmax_VCC1-2
Digital I/O pin supply voltage (SX1511/12B)
- 0.4
3.7
V
Electrostatic handling HBM model
(1) (SX1510/11B)
-
2000
VES_HBM
Electrostatic handling HBM model
(1) (SX1512B)
-
1500
V
VES_CDM
Electrostatic handling CDM model
-
1000
V
Electrostatic handling MM model (SX1510/11B)
-
200
VES_MM
Electrostatic handling MM model (SX1512B)
-
150
V
TA
Operating ambient temperature range
-40
+85
°C
TC
Junction temperature range
-40
+125
°C
TSTG
Storage temperature range
-55
+150
°C
Ilat
Latchup-free input pin current
(2)
+/-100
-
mA
(1) Tested according to JESD22-A114A
(2) Static latch-up values are valid at maximum temperature according to JEDEC 78 specification
Table 5 - Absolute Maximum Ratings
2.2
Electrical Specifications
Table below assumes default registers values, unless otherwise specified. Typical values are given for TA =
+25°C, VDDM=VCC1=VCC2=3.3V.
Symbol
Description
Conditions
Min
Typ
Max
Unit
Supply
SX1510B
1.2
-
5.5
VDDM
Main supply voltage
SX1511/12B
1.425
-
3.6
V
SX1510B
1.2
-
5.5
VCC1,2
I/O banks supply voltage
SX1511/12B
1.2
-
3.6
V
Oscillator OFF
-
1
5
Internal osc. (2MHz)
-
TBD
TBD
Main supply current
(SX1510B, SPI inactive)
External osc. (32kHz)
-
10
-
uA
Oscillator OFF
-
1
5
Internal osc. (2MHz)
-
175
235
Main supply current
(SX1511B, SPI inactive)
External osc. (32kHz)
-
10
-
µA
Oscillator OFF
-
1
5
Internal osc. (2MHz)
-
365
460
IDDM
Main supply current
(SX1512B, SPI inactive)
External osc. (32kHz)
-
10
-
µA
ICC1,2
I/O banks supply current
(1)
-
1
2
µA
I/Os set as Input
VCC1,2 >= 2V
0.7*
VCC1,2
-
5.5
(3)
VIH
High level input voltage
VCC1,2 < 2V
0.8*
VCC1,2
-
5.5
(3)
V
VCC1,2 >= 2V
-0.4
-
0.3*
VCC1,2
VIL
Low level input voltage
VCC1,2 < 2V
-0.4
-
0.2*
VCC1,2
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn