Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SX1512BIULTRT Datasheet(PDF) 37 Page - Semtech Corporation

Part No. SX1512BIULTRT
Description  World’s Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
Download  43 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMTECH [Semtech Corporation]
Homepage  http://www.semtech.com
Logo 

SX1512BIULTRT Datasheet(HTML) 37 Page - Semtech Corporation

Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 3 – 9
th Sept. 2010
37
www.semtech.com
SX1510B/SX1511B/SX1512B
World’s Lowest Voltage Level Shifting GPIO
with LED Driver and Keypad Engine
6
APPLICATION INFORMATION
6.1
Typical Application Circuit
Figure 20 - Typical Application Schematic
6.2
Typical LED Connection
Typical LED Connection is described below. The LED is usually connected to a high voltage (VBAT) to take
advantage of the high sink current of the I/O and to accommodate high LED threshold voltages (VLED).
Please note that in this configuration the IO must be programmed as open drain output (RegOpenDrain) with no
pull-up (RegPullUp) and input buffer must be disabled (RegInputBufferDisable).
VCCx can take any value without compromising LED operation.
VCCx
IOx
VBAT
VCCx
VLED
*
*LED colour/technology dependent
SX1510/11/12B
IOL
R
Figure 21 – Typical LED Operation
Serial R must be calculated for IOL not to exceed its max spec (Cf. Table 5) else VOL will increase.
VDDM
NRESET
SCK
SO
GND
VCC1
I/O[0]
I/O[2]
I/O[3]
NINT
I/O[4]
I/O[5]
I/O[6]
I/O[7]
VCC2
SX1511B
SCK
SO
I/O
I/O
3.3V
2.5V
1.2V
5V
Optional (depends
on the application)
5V
Host
controller
OSCIO
I/O[1]
SI
SI
NSS
NSS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn