Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SX1512BIULTRT Datasheet(PDF) 36 Page - Semtech Corporation

Part No. SX1512BIULTRT
Description  World’s Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
Download  43 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMTECH [Semtech Corporation]
Homepage  http://www.semtech.com
Logo 

SX1512BIULTRT Datasheet(HTML) 36 Page - Semtech Corporation

Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 3 – 9
th Sept. 2010
36
www.semtech.com
SX1510B/SX1511B/SX1512B
World’s Lowest Voltage Level Shifting GPIO
with LED Driver and Keypad Engine
7:3
OFF Time of IO[X]:
0 : Infinite (Single shot mode, TOff directly controlled by RegData, Cf §4.9.3)
1 - 15 : TOffX = 64 * RegOffX[7:3] * (255/ClkX)
16 - 31 : TOffX = 512 * RegOffX[7:3] * (255/ClkX)
0xXX
RegOffX
0x00
2:0
OFF Intensity of IO[X]
- Linear mode : IOffX = 4 x RegOff[2:0]
- Logarithmic mode (fading capable IOs only) : IOffX = f(4 x RegOffX[2:0]) , Cf §4.9.5
7:5
Unused
0xXX
RegTRiseX
0x00
4:0
Fade In setting of IO[X]
0 : OFF
1 - 15 : TRiseX = (RegIOnX-(4xRegOffX[2:0])) * RegTRiseX * (255/ClkX)
16 - 31 : TRiseX = 16 * (RegIOnX-(4xRegOffX[2:0])) * RegTRiseX * (255/ClkX)
7:5
Unused
0xXX
RegTFallX
0x00
4:0
Fade Out setting of IO[X]
0 : OFF
1 - 15 : TFallX = (RegIOnX-(4xRegOffX[2:0])) * RegTFallX * (255/ClkX)
16 - 31 : TFallX = 16 * (RegIOnX-(4xRegOffX[2:0])) * RegTFallX * (255/ClkX)
0x69
RegHighInputB
0x00
7:0
Enables high input mode for each [input-configured] IO
0 : OFF. VIH max = 3.6V and VCCx min = 1.2V
1 : ON. VIH max = 5.5V and VCCx min = 1.65V
0x6A
RegHighInputA
0x00
7:0
Enables high input mode for each [input-configured] IO
0 : OFF. VIH max = 3.6V and VCCx min = 1.2V
1 : ON. VIH max = 5.5V and VCCx min = 1.65V
0x7D
RegReset
0x00
7:0
Software reset register
Writing consecutively 0x12 and 0x34 will reset the device (same as POR)
Always reads 0.
Table 13 – SX1512B Configuration Registers Description


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn