Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SX1512BIULTRT Datasheet(PDF) 35 Page - Semtech Corporation

Part No. SX1512BIULTRT
Description  World’s Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
Download  43 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMTECH [Semtech Corporation]
Homepage  http://www.semtech.com
Logo 

SX1512BIULTRT Datasheet(HTML) 35 Page - Semtech Corporation

Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 3 – 9
th Sept. 2010
35
www.semtech.com
SX1510B/SX1511B/SX1512B
World’s Lowest Voltage Level Shifting GPIO
with LED Driver and Keypad Engine
0x21
RegLEDDriverEnableA
0x00
7:0
Enables LED Driver for each [output-configured] IO
0 : LED Driver is disabled
1 : LED Driver is enabled
7:3
Unused
0x22
RegDebounceConfig
0x00
2:0
Debounce time (Cf. §4.6.1)
000: 0.5ms x 2MHz/fOSC
001: 1ms x 2MHz/fOSC
010: 2ms x 2MHz/fOSC
011: 4ms x 2MHz/fOSC
100: 8ms x 2MHz/fOSC
101: 16ms x 2MHz/fOSC
110: 32ms x 2MHz/fOSC
111: 64ms x 2MHz/fOSC
0x23
RegDebounceEnableB
0x00
7:0
Enables debouncing for each [input-configured] IO
0 : Debouncing is disabled
1 : Debouncing is enabled
0x24
RegDebounceEnableA
0x00
7:0
Enables debouncing for each [input-configured] IO
0 : Debouncing is disabled
1 : Debouncing is enabled
7
Reserved
6:4
Auto Sleep time (no key press within this time will set keypad engine to sleep)
000 : OFF
001 : 128ms x 2MHz/fOSC
010 : 256ms x 2MHz/fOSC
011 : 512ms x 2MHz/fOSC
100 : 1sec x 2MHz/fOSC
101 : 2sec x 2MHz/fOSC
110 : 4sec x 2MHz/fOSC
111 : 8sec x 2MHz/fOSC
3
Unused
0x25
RegKeyConfig1
0x00
2:0
Scan time per row (must be set above debounce time).
000 : 1ms x 2MHz/fOSC
001 : 2ms x 2MHz/fOSC
010 : 4ms x 2MHz/fOSC
011 : 8ms x 2MHz/fOSC
100 : 16ms x 2MHz/fOSC
101 : 32ms x 2MHz/fOSC
110 : 64ms x 2MHz/fOSC
111 : 128ms x 2MHz/fOSC
7:6
Unused
5:3
Number of rows (outputs) + key scan enable
000 : Key scan OFF
001 : 2 rows – IO[0:1]
010 : 3 rows – IO[0:2]
011 : 4 rows – IO[0:3]
100 : 5 rows – IO[0:4]
101 : 6 rows – IO[0:5]
110 : 7 rows – IO[0:6]
111 : 8 rows – IO[0:7]
0x26
RegKeyConfig2
0x00
2:0
Number of columns (inputs)
000 : 1 column – IO[8]
001 : 2 columns – IO[8:9]
010 : 3 columns – IO[8:10]
011 : 4 columns – IO[8:11]
100 : 5 columns – IO[8:12]
101 : 6 columns – IO[8:13]
110 : 7 columns – IO[8:14]
111 : 8 columns – IO[8:15]
0x27
RegKeyData1
0xFF
7:0
Column which generated NINT (active low)
Ex: RegKeyData1=11011111 => IO13 has generated NINT
The register is automatically cleared when RegKeyData2 is read.
0x28
RegKeyData2
0xFF
7:0
Row which generated NINT (active low)
Ex: RegKeyData2=11111110 => IO0 has generated NINT
When the register is read both RegKeyData1 & RegKeyData2 are automatically cleared
together with NINT and key scan continues.
7:5
Unused
0xXX
RegTOnX
0x00
4:0
ON Time of IO[X]:
0 : Infinite (Static mode, TOn directly controlled by RegData, Cf §4.9.2)
1 - 15 : TOnX = 64 * RegTOnX * (255/ClkX)
16 - 31 : TOnX = 512 * RegTOnX * (255/ClkX)
0xXX
RegIOnX
0xFF
7:0
ON Intensity of IO[X]
- Linear mode : IOnX = RegIOnX
- Logarithmic mode (fading capable IOs only) : IOnX = f(RegIOnX) , Cf §4.9.5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn